データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT28C256HNI-12T データシート(PDF) 6 Page - Catalyst Semiconductor

部品番号 CAT28C256HNI-12T
部品情報  32K-Bit Parallel E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256HNI-12T データシート(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28C256HNI-12T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C256HNI-12T Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT28C256
6
Doc. No. 25020-0A 2/98
ADDRESS
CE
OE
WE
tRC
DATA OUT
DATA VALID
DATA VALID
tCE
tOE
tOH
tAA
tOHZ
tHZ
VIH
HIGH-Z
tLZ
tOLZ
DEVICE OPERATION
Read
Data stored in the CAT28C256 is transferred to the data
bus when
WE is held high, and both OE and CE are
held low. The data bus is set to a high impedance state
when either
CE or OE goes high. This 2-line control
architecture can be used to eliminate bus contention in
a system environment.
Byte Write
A write cycle is executed when both
CE and WE are low,
and
OE is high. Write cycles can be initiated using either
WE or CE, with the address input being latched on the
falling edge of
WE or CE, whichever occurs last. Data,
conversely, is latched on the rising edge of
WE or CE,
whichever occurs first. Once initiated, a byte write cycle
automatically erases the addressed byte and the new
data is written within 5 ms.
Figure 3. Read Cycle
Figure 4. Byte Write Cycle [WE Controlled]
ADDRESS
CE
OE
WE
DATA OUT
tAS
DATA IN
DATA VALID
HIGH-Z
tCS
tAH
tCH
tWC
tOEH
tBLC
tDH
tDS
tOES
tWP
5096 FHD F06
28C256 F06


同様の部品番号 - CAT28C256HNI-12T

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT28C256H13-12T CATALYST-CAT28C256H13-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-12T ONSEMI-CAT28C256H13-12T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C256H13-15T CATALYST-CAT28C256H13-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13-15T ONSEMI-CAT28C256H13-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256H13112 ONSEMI-CAT28C256H13112 Datasheet
132Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

同様の説明 - CAT28C256HNI-12T

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com