データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVI-NPBF データシート(PDF) 2 Page - International Rectifier

部品番号 PVI-NPBF
部品情報  Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVI-NPBF データシート(HTML) 2 Page - International Rectifier

  PVI-NPBF Datasheet HTML 1Page - International Rectifier PVI-NPBF Datasheet HTML 2Page - International Rectifier PVI-NPBF Datasheet HTML 3Page - International Rectifier PVI-NPBF Datasheet HTML 4Page - International Rectifier PVI-NPBF Datasheet HTML 5Page - International Rectifier PVI-NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVI-NPbF
www.irf.com
2
Electrical Specifications (-40°C ≤ T
A ≤ +85°C unless otherwise specified)
INPUT CHARACTERISTICS
PVI Series
Units
Input Current Range (see figure 4)
2.0 to 50
mA (DC)
Maximum Forward Voltage Drop @ 10mA, 25°C (see figure 5)
1.4
V (DC)
Maximum Reverse Voltage
6.0
V(DC)
Maximum Reverse Current @ -6.0V (DC), 25°C
100
µA(DC)
Maximum Pulsed Input Current @ 25°C (see figure 6)
1.0
A(peak)
OUTPUT CHARACTERISTICS
PVI Series
Units
Maximum Forward Voltage @ 10µA
8.0 per channel
V(DC)
Maxiumum Reverse Current @ -10VDC
10
µA(DC)
GENERAL CHARACTERISTICS
PVI5050N
/5080N PVI1050N
Units
Min. Dielectric Strength, Input-Output
4000
2500
V
RMS
Min. Dielectric Strength, Output-to-Output
1200
VDC
Min. Insulation Resistance, Input-to-Output
@T
A=+25°C, 50%RH, 100VDC
Max. Pin Soldering Temperature (10 seconds max.)
+260
°C
Ambient Temperature Range: Operating
-40 to +85
°C
Storage
-40 to +125
°C
1012
COUPLED CHARACTERISTICS
PVI5050N
PVI5080N
PVI1050N
Units
Minimum Open Circuit Voltage @ ILED = 10mA, 25°C, RL = >10MΩ
5.0
5.0/channel
V (DC)
(see figures 1 to 2)
10 series
Minimum Short Circuit Current @ ILED = 10mA, 25°C (see figures 1 to 2)
5.0
8.0
5.0 /channel
µA (DC)
10 parallel
Maximum Capacitance (Input/Output)
1.0
2.0
pF
Maximum Ton Time @ ILED=10mA, CLOAD=10pF (See Figure7)
RL>20MΩ
300
µS
RL=10MΩ
160
µS
RL=4.7MΩ
90
µS
Maximum Toff Time @ ILED=10mA, CLOAD=10pF (See Figure7)
220
µS
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.


Html Pages

1  2  3  4  5  6 


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn