データシートサーチシステム
  Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

PVI-NPBF データシート(PDF) 3 Page - International Rectifier

部品番号 PVI-NPBF
部品情報  Photovoltaic Isolator Single and Dual Channel 5-10 Volt Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVI-NPBF データシート(HTML) 3 Page - International Rectifier

  PVI-NPBF Datasheet HTML 1Page - International Rectifier PVI-NPBF Datasheet HTML 2Page - International Rectifier PVI-NPBF Datasheet HTML 3Page - International Rectifier PVI-NPBF Datasheet HTML 4Page - International Rectifier PVI-NPBF Datasheet HTML 5Page - International Rectifier PVI-NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVI-NPbF
www.irf.com
3
Figure 1. PVI5050N, PVI1050N Typical Output Characteristics
Input Current (mA)
Figure 2. PVI5080N Typical Output Characteristics
Input Current (mA)
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
Open Circuit Voltage
RL=10M
RL=4.7M
RL=2.2M
RL=1M
Short Circuit Current
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
Open Circuit Voltage
RL=10M
RL=4.7M
RL=2.2M
RL=1M
Short Circuit Current
Figure 4. Input Current Derating
Ambient Temperature (°C)
Figure 5. Input Characteristics
Duty Cycle
Figure 6. Input Pulse Capability
Figure 3. Typical Variation of Output
Forced Air Temperature (°C)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Short Circuit Current (Isc)
Output Voltage (Voc)
(Voc)
LED Forward Voltage Drop (VDC)
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
CAUTION: provide current limiting
so that 25 mA maximum steady-
state control current rating is
not exceeded


Html Pages

1  2  3  4  5  6 


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn