データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LML23088AB データシート(PDF) 1 Page - LightKey Optoelectronics Ltd.

部品番号 LML23088AB
部品情報  LMl23088A/B Series ??2.30 inch 8x8 Lamp Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LML23088AB データシート(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LML23088AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LML23088AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LML23088AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121853
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Lamp Dot Matrix LED Display
LMl23088A/B Series – 2.30 inch 8x8 Lamp Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
60.20 mm (2.30 inch) matrix height
Dot size: Diameter 5.00 mm
Pitch: 7.62 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


同様の部品番号 - LML23088AB

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
LML2060G VBSEMI-LML2060G Datasheet
513Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
   2-20 GHz MMIC Limiter
logo
VBsemi Electronics Co.,...
LML2244 VBSEMI-LML2244 Datasheet
464Kb / 9P
   P-Channel 20-V (D-S) MOSFET
LML2246 VBSEMI-LML2246 Datasheet
464Kb / 9P
   P-Channel 20-V (D-S) MOSFET
LML2246G VBSEMI-LML2246G Datasheet
464Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

同様の説明 - LML23088AB

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
LM23088CD LIGHTKEY-LM23088CD Datasheet
291Kb / 3P
   LM23088C/D Series ??2.30 inch 8x8 Dot Matrix LED Display
LM23088EF LIGHTKEY-LM23088EF Datasheet
228Kb / 3P
   LM23088E/F Series ??2.30 inch 8x8 Dot Matrix LED Display
LM23088BUY LIGHTKEY-LM23088BUY Datasheet
188Kb / 3P
   LM23088A/BUY ??2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com