データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM46058ARG データシート(PDF) 1 Page - LightKey Optoelectronics Ltd.

部品番号 LM46058ARG
部品情報  4.60 inch 5x8 Dual Color Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM46058ARG データシート(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM46058ARG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM46058ARG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM46058ARG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121850
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.60 inch 5x8 Dual Color Dot Matrix LED Display
LM46058A/BRG Series – 4.60 inch 5x8 Dual Color Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
121.90mm (4.60 inch) digit high
Dot size: Diameter 10.00 mm
Pitch: 15.24 mm
Wide viewing angle
Emitted colors: red and green
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
91.44
COL.
5.08*8=40.64
15.24*4=60.96
76.00
PIN 1
2
8
5
7
6
4
3
12
4
3
5
ROW
1
0.80
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


同様の部品番号 - LM46058ARG

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
More results

同様の説明 - LM46058ARG

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM34058ABRG LIGHTKEY-LM34058ABRG Datasheet
116Kb / 3P
   3.40 inch 5x8 Dual Color Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com