データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD30057AR データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LD30057AR
部品情報  LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD30057AR データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD30057AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD30057AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD30057AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121840
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 3.00 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
LM30057A (Common Cathode Row)
LM30057B (Common Anode Row)
11
5
6
7
4
3
7
2
1
5
12
8
5
6
7
4
3
1
7
2
5
12
8
2
1
ROW
14
9
NO.
PIN
PIN
NO.
COL.
13
1
3
2
4 11
3
ROW
10
4
6
5
2
1
14
9
NO.
PIN
COL.
PIN
NO.
13
1
3
2
4
3
5
6
10
4
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LD30057AR
LD30057BR
GaAlAs
Super Red
640
12
15
LD30057AD
LD30057BD
GaAlAs
Hi-Red
640
27
37.5
LD30057AO
LD30057BO
GaAsP
Orange
625
10.5
13.5
LD30057AY
LD30057BY
GaAsP
Yellow
588
12
15
LD30057AG
LD30057BG
GaP
Green
568
10.5
13.5
LD30057AUR
LD30057BUR
AlGaInP
Ultra Red
640
45
67.5
LD30057AUO
LD30057BUO
AlGaInP
Ultra Orange
625
67.5
90
LD30057AUA
LD30057BUA
AlGaInP
Ultra Amber
605
45
67.5
LD30057AUY
LD30057BUY
AlGaInP
Ultra Yellow
595
45
67.5
LD30057AUG
LD30057BUG
AlGaInP
Ultra Green
573
45
67.5
LD30057APG
LD30057BPG
InGaN
Pure Green
525
180
450
LD30057AUB
LD30057BUB
InGaN
Ultra Blue
470
45
67.5
LD30057AUW
LD30057BUW
SMD
Ultra White
\
150
180
Unit:
\
\
\
nm
mcd
mcd


同様の部品番号 - LD30057AR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LD30011AB LIGHTKEY-LD30011AB Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011ABRG LIGHTKEY-LD30011ABRG Datasheet
108Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AD LIGHTKEY-LD30011AD Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AG LIGHTKEY-LD30011AG Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
LD30011AO LIGHTKEY-LD30011AO Datasheet
168Kb / 3P
   3.00 inch Single Digit 7 Segment LED Display
More results

同様の説明 - LD30057AR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM30057ABRG LIGHTKEY-LM30057ABRG Datasheet
126Kb / 3P
   LM30057A/BRG Series . 3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM40057ABRG LIGHTKEY-LM40057ABRG Datasheet
124Kb / 3P
   3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM12457AB LIGHTKEY-LM12457AB Datasheet
133Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com