データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE325S01-T1 データシート(PDF) 3 Page - California Eastern Labs

部品番号 NE325S01-T1
部品情報  C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE325S01-T1 データシート(HTML) 3 Page - California Eastern Labs

  NE325S01-T1 Datasheet HTML 1Page - California Eastern Labs NE325S01-T1 Datasheet HTML 2Page - California Eastern Labs NE325S01-T1 Datasheet HTML 3Page - California Eastern Labs NE325S01-T1 Datasheet HTML 4Page - California Eastern Labs NE325S01-T1 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NE325S01
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
VDS = 2 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
2.0
0.969
-24.84
4.798
152.65
0.026
73.02
0.574
-18.45
0.237
22.661
2.5
0.957
-30.87
4.756
146.03
0.032
68.77
0.566
-22.99
0.277
21.721
3.0
0.944
-36.91
4.730
139.49
0.038
64.98
0.556
-27.48
0.310
20.951
3.5
0.926
-43.10
4.699
132.75
0.044
60.81
0.544
-32.03
0.358
20.286
4.0
0.906
-49.43
4.663
126.04
0.050
56.76
0.531
-36.56
0.403
19.697
4.5
0.884
-55.58
4.600
119.31
0.055
52.64
0.515
-41.22
0.454
19.224
5.0
0.852
-62.02
4.523
112.42
0.060
48.77
0.496
-45.75
0.524
18.773
5.5
0.819
-68.28
4.449
105.80
0.064
44.73
0.475
-50.42
0.595
18.421
6.0
0.785
-74.48
4.370
99.62
0.068
41.16
0.454
-55.09
0.659
18.080
6.5
0.753
-80.82
4.276
93.42
0.072
37.54
0.434
-59.78
0.716
17.737
7.0
0.723
-87.00
4.200
87.18
0.075
34.03
0.414
-64.50
0.771
17.482
7.5
0.696
-93.23
4.136
81.15
0.078
30.60
0.396
-69.09
0.816
17.245
8.0
0.670
-99.64
4.066
75.30
0.081
27.44
0.379
-73.80
0.854
17.007
8.5
0.643
-105.78
4.011
69.03
0.084
24.34
0.363
-78.31
0.894
16.790
9.0
0.622
-112.38
3.968
63.04
0.087
21.18
0.347
-82.72
0.919
16.591
9.5
0.597
-119.18
3.920
56.93
0.090
18.07
0.330
-87.24
0.950
16.390
10.0
0.571
-126.73
3.857
50.48
0.092
14.85
0.308
-91.89
0.995
16.225
10.5
0.538
-134.31
3.799
44.20
0.094
11.58
0.287
-96.77
1.047
14.743
11.0
0.503
-142.42
3.740
38.29
0.096
8.35
0.262
-102.63
1.100
13.983
11.5
0.475
-150.84
3.621
32.04
0.098
5.11
0.237
-109.34
1.156
13.284
12.0
0.453
-160.32
3.545
25.99
0.099
1.78
0.214
-116.89
1.200
12.834
12.5
0.435
-170.10
3.482
20.11
0.101
-1.21
0.191
-126.44
1.227
12.500
13.0
0.422
179.93
3.423
14.37
0.102
-4.53
0.173
-137.47
1.255
12.220
13.5
0.413
169.88
3.362
8.03
0.103
-7.66
0.160
-149.76
1.278
11.970
14.0
0.408
159.68
3.309
1.70
0.104
-11.00
0.151
-161.84
1.294
11.771
14.5
0.405
149.30
3.250
-4.80
0.106
-14.39
0.145
-174.45
1.302
11.572
15.0
0.406
138.94
3.182
-11.37
0.107
-17.92
0.144
171.72
1.316
11.364
15.5
0.410
128.31
3.108
-18.01
0.108
-21.80
0.148
157.82
1.330
11.155
16.0
0.418
117.54
3.031
-24.47
0.109
-25.41
0.154
142.64
1.343
10.940
16.5
0.434
106.98
2.943
-30.70
0.110
-29.36
0.168
127.26
1.350
10.739
17.0
0.455
96.84
2.869
-37.11
0.111
-33.17
0.188
114.01
1.344
10.619
17.5
0.484
87.21
2.799
-43.55
0.111
-37.06
0.214
102.68
1.330
10.577
18.0
0.521
77.71
2.720
-50.10
0.111
-41.23
0.246
92.62
1.303
10.591
Coordinates in Ohms
Frequency in GHz
VDS = 2 V, IDS = 10 mA
2.0
18 GHz
18 GHz
1.0
0.5
- 0.5
- 1.5
- 2.0
0
S22
2 GHz
S11
2 GHz
+90°
-90°
+45°
-45°
+135°
-135°
+180°
0
S21
2 GHz
S12
2 GHz
18 GHz
18 GHz
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,


同様の部品番号 - NE325S01-T1

メーカー部品番号データシート部品情報
logo
NEC
NE325S01-T1 NEC-NE325S01-T1 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01-T1 NEC-NE325S01-T1 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01-T1B NEC-NE325S01-T1B Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01-T1B NEC-NE325S01-T1B Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

同様の説明 - NE325S01-T1

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01 NEC-NE429M01 Datasheet
50Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com