データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE02107 データシート(PDF) 10 Page - California Eastern Labs

部品番号 NE02107
部品情報  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE02107 データシート(HTML) 10 Page - California Eastern Labs

Back Button NE02107 Datasheet HTML 4Page - California Eastern Labs NE02107 Datasheet HTML 5Page - California Eastern Labs NE02107 Datasheet HTML 6Page - California Eastern Labs NE02107 Datasheet HTML 7Page - California Eastern Labs NE02107 Datasheet HTML 8Page - California Eastern Labs NE02107 Datasheet HTML 9Page - California Eastern Labs NE02107 Datasheet HTML 10Page - California Eastern Labs NE02107 Datasheet HTML 11Page - California Eastern Labs NE02107 Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 5 mA)
0.435
30.904
0.711
25.017
0.905
21.298
0.971
18.616
1.024
15.561
1.044
13.619
1.028
12.483
1.035
11.252
1.038
10.206
1.030
9.506
1.055
8.680
0.267
29.113
0.534
23.790
0.773
20.566
0.912
18.320
0.984
16.309
1.023
13.826
1.038
12.288
1.044
11.116
1.045
10.104
1.048
9.263
1.084
8.371
0.167
27.135
0.329
21.430
0.563
18.797
0.738
16.985
0.860
15.398
0.938
14.105
0.977
12.978
1.017
11.247
1.046
9.850
1.059
8.908
1.096
8.065
NE02139
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.78
-39
13.96
156
.027
63
.91
-21
200
.71
-74
11.81
131
.058
62
.77
-36
400
.57
-114
7.51
107
.081
42
.54
-50
600
.50
-143
5.68
93
.093
39
.42
-56
800
.49
-164
4.16
72
.104
37
.35
-59
1000
.49
-180
3.50
81
.117
37
.30
-63
1200
.51
168
2.83
55
.129
37
.27
-66
1400
.52
160
2.59
63
.144
36
.25
-73
1600
.53
150
2.19
49
.155
38
.22
-79
1800
.53
142
2.09
42
.173
36
.21
-88
2000
.56
135
1.79
36
.181
36
.19
-98
VCE = 10 V, IC = 10 mA
100
.63
-58
20.38
145
.025
58
.81
-31
200
.56
-98
15.27
119
.039
60
.61
-45
400
.47
-139
8.90
98
.062
44
.39
-57
600
.45
-164
6.48
87
.073
50
.30
-60
800
.45
180
4.66
76
.091
49
.25
-63
1000
.47
168
3.89
69
.109
50
.21
-68
1200
.48
157
3.13
61
.126
48
.18
-71
1400
.50
152
2.86
54
.143
44
.17
-80
1600
.51
143
2.41
48
.160
46
.14
-88
1800
.52
136
2.30
42
.181
42
.14
-99
2000
.54
130
1.97
36
.191
41
.12
-113
VCE = 10 V, IC = 20 mA
100
.53
-82
25.86
136
.021
35
.72
-41
200
.47
-121
17.23
110
.033
61
.48
-51
400
.43
-157
9.44
92
.051
50
.30
-58
600
.44
-177
6.74
83
.069
57
.23
-60
800
.45
170
4.82
74
.090
55
.20
-61
1000
.46
161
4.01
67
.107
54
.16
-66
1200
.48
152
3.23
39
.127
54
.14
-71
1400
.50
147
2.95
53
.149
50
.13
-80
1600
.51
139
2.48
47
.164
50
.10
-91
1800
.52
133
2.36
41
.187
45
.10
-104
2000
.55
127
2.02
36
.197
44
.09
-121
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain, MSG = Maximum Stable Gain
NE021 SERIES
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
2 GHz
S22
2 GHz
S22
0.1 GHz
S11
0.1 GHz
120˚
90˚
60˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
.16
.12
.08
16
20
4
S21.20
S12
2 GHz
S21
0.1 GHz
.04
S21
2 GHz
30˚
8
12
S12
0.1 GHz


同様の部品番号 - NE02107

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NE02107 ETC-NE02107 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE02107B ETC-NE02107B Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

同様の説明 - NE02107

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com