データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE02133-T1B データシート(PDF) 3 Page - California Eastern Labs

部品番号 NE02133-T1B
部品情報  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE02133-T1B データシート(HTML) 3 Page - California Eastern Labs

  NE02133-T1B Datasheet HTML 1Page - California Eastern Labs NE02133-T1B Datasheet HTML 2Page - California Eastern Labs NE02133-T1B Datasheet HTML 3Page - California Eastern Labs NE02133-T1B Datasheet HTML 4Page - California Eastern Labs NE02133-T1B Datasheet HTML 5Page - California Eastern Labs NE02133-T1B Datasheet HTML 6Page - California Eastern Labs NE02133-T1B Datasheet HTML 7Page - California Eastern Labs NE02133-T1B Datasheet HTML 8Page - California Eastern Labs NE02133-T1B Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ambient Temperature, TA (°C)
Base to Emitter Voltage, VBE (V)
VOLTAGE CURRENT
CHARACTERISTICS
NE02133
DC POWER DERATING CURVES
NE021 SERIES
DEVICE CAPACITANCE
Collector to Base Voltage, VCB (V)
Emitter to Base Voltage, VEB (V)
2
0
0.5
1
2
3
5
7 10
20 30
1
0.7
0.5
0.3
CCB
CEB
f =1 MHz
IE = 0
WITH INFINITE
HEAT SINK
RTH(J-C) = 120˚ C/W
MOUNTED ON AI2O3
SUBSTRATE
(20X50X0.6") RTH(J-A) =
190˚C/W
FREE AIR
RTH(J-A) = 600˚C/W
800
600
400
200
0
0
50
100
150
200
Ambient Temperature, TA (°C)
NE02135
DC POWER DERATING CURVES
800
0
50
100
150
200
600
400
200
0
NE02100
RTH(J-C) = 70˚C/W
NE02107
RTH(J-C) = 90˚C/W
RTH (J-A) =
500˚C/W
NE02107
NE02100, NE02107
DC POWER DERATING CURVES
Ambient Temperature, TA (°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
25
VCEO
Collector to Emitter Voltage
V
122
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
70
TJ
Junction Temperature
°C
2003
TSTG
Storage Temperature
°C
-65 to +2004
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Typical BVCER = 25 V for R ≤ 300 Ω.
3. Maximum TJ for the NE02133 and NE02139
is +150°C.
4. Maximum storage temperature for the NE02135 is -65 to
+150°C. Maximum storage temperature for the
NE02133 and NE02139 is -55 to 150°C.
0
50
100
150
200
400
300
200
100
0
1. Mounted On Al2O3 Substrate
(32x21x10mm) And Encapsulated
In Epoxy Resin (RTH (J-A) = 267˚C/W
2. Mounted On Al2O3 Substrate
(18x29x0.8mm) RTH(J-A) = 370˚C/W
3. Mounted On Al2O3 Substrate
(10x15x0.8mm) RTH(J-A) = 490˚C/W
4. Free Air, RTH(J-A) = 666˚C/W
1
2
3
4
70
0.5
0.6
0.7
0.8
0.9
50
30
20
10
7
5
3
2
1
0.7
VCE = 10 V


同様の部品番号 - NE02133-T1B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NE02133-T1B ETC-NE02133-T1B Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

同様の説明 - NE02133-T1B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com