データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM23088CR データシート(PDF) 1 Page - LightKey Optoelectronics Ltd.

部品番号 LM23088CR
部品情報  LM23088C/D Series ??2.30 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23088CR データシート(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM23088CR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23088CR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23088CR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121838
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Dot Matrix LED Display
LM23088C/D Series – 2.30 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
60.20 mm (2.30 inch) matrix height
Dot size: Diameter 5.00 mm
Pitch: 7.62 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
2.54*7=17.78
7.62*7=53.34
60.20
PIN 1
COL. 1
ROW
8
6
7
4
5
2
3
1
3
24
5
6
8
7
5.0
0
0.60
46.4
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


同様の部品番号 - LM23088CR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23088AD LIGHTKEY-LM23088AD Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AG LIGHTKEY-LM23088AG Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AO LIGHTKEY-LM23088AO Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
More results

同様の説明 - LM23088CR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
LM23088EF LIGHTKEY-LM23088EF Datasheet
228Kb / 3P
   LM23088E/F Series ??2.30 inch 8x8 Dot Matrix LED Display
LML23088AB LIGHTKEY-LML23088AB Datasheet
222Kb / 3P
   LMl23088A/B Series ??2.30 inch 8x8 Lamp Dot Matrix LED Display
LM23088BUY LIGHTKEY-LM23088BUY Datasheet
188Kb / 3P
   LM23088A/BUY ??2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com