データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT1G66GW,125 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74AHCT1G66GW,125
部品情報  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G66GW,125 データシート(HTML) 3 Page - NXP Semiconductors

  74AHCT1G66GW,125 Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GW,125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
3 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output voltage ratings are observed.
[2]
For TSSOP5 and SC-74A packages: above 87.5
°C the value of P
tot derates linearly with 4.0 mW/K.
9.
Recommended operating conditions
Table 3.
Pin description
Symbol
Pin
Description
Y
1
independent input or output
Z
2
independent input or output
GND
3
ground (0 V)
E
4
enable input (active HIGH)
VCC
5
supply voltage
Table 4.
Function table[1]
Input E
Switch
L
OFF
HON
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
[1] -
±20
mA
ISW
switch current
−0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).[1]
Symbol
Parameter
Conditions
74AHC1G66
74AHCT1G66
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VSW
switch voltage
0
-
VCC
0-
VCC
V


同様の部品番号 - 74AHCT1G66GW,125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT1G66GW PHILIPS-74AHCT1G66GW Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHCT1G66GW NXP-74AHCT1G66GW Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GW NEXPERIA-74AHCT1G66GW Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

同様の説明 - 74AHCT1G66GW,125

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com