データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC1G66 データシート(PDF) 9 Page - NXP Semiconductors

部品番号 74AHC1G66
部品情報  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G66 データシート(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC1G66 Datasheet HTML 5Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 6Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 7Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 8Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 9Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 10Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 11Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 12Page - NXP Semiconductors 74AHC1G66 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
9 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 9.
Enable and disable times
mna668
tPLZ
tPHZ
switch
disabled
switch
enabled
VY
VX
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
E
Y or Z
Y or Z
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 10.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74AHC1G66
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
74AHCT1G66
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V


同様の部品番号 - 74AHC1G66

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC1G66 PHILIPS-74AHC1G66 Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHC1G66 NEXPERIA-74AHC1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
logo
NXP Semiconductors
74AHC1G66GV PHILIPS-74AHC1G66GV Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
More results

同様の説明 - 74AHC1G66

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com