データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F245SJ データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 74F245SJ
部品情報  74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245SJ データシート(HTML) 5 Page - Fairchild Semiconductor

  74F245SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 7Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 8Page - Fairchild Semiconductor 74F245SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F245 Rev. 1.4.0
5
AC Electrical Characteristics
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = – 55°C to +125°C,
CL = 50pF
TA = 0°C to +70°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay,
An to Bn or Bn to An
2.5
4.2
6.0
2.0
7.5
2.0
7.0
ns
2.5
4.2
6.0
2.0
7.5
2.0
7.0
tPZH, tPZL Output Enable Time
3.0
5.3
7.0
2.5
9.0
2.5
8.0
ns
3.5
6.0
8.0
3.0
10.0
3.0
9.0
tPHZ, tPLZ Output Disable Time
2.0
5.0
6.5
2.0
9.0
2.0
7.5
ns
2.0
5.0
6.5
2.0
10.0
2.0
7.5


同様の部品番号 - 74F245SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74F245SJ NSC-74F245SJ Datasheet
173Kb / 8P
   Octal Bidirectional Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F245SJ FAIRCHILD-74F245SJ Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results

同様の説明 - 74F245SJ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com