データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM19088CUY データシート(PDF) 3 Page - LightKey Optoelectronics Ltd.

部品番号 LM19088CUY
部品情報  1.90 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM19088CUY データシート(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM19088CUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM19088CUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM19088CUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121823
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.90 inch 8x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


同様の部品番号 - LM19088CUY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AD LIGHTKEY-LM19088AD Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AG LIGHTKEY-LM19088AG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088AO LIGHTKEY-LM19088AO Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM19088APG LIGHTKEY-LM19088APG Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
More results

同様の説明 - LM19088CUY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088KL LIGHTKEY-LM19088KL Datasheet
300Kb / 3P
   LM19088K/L Series . 1.90 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com