データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12457AD データシート(PDF) 1 Page - LightKey Optoelectronics Ltd.

部品番号 LM12457AD
部品情報  LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12457AD データシート(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM12457AD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12457AD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12457AD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121816
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Square Dot Matrix LED Display
LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
31.60mm (1.20 inch) matrix height
Dot size: 4x4 mm
Pitch: 4.60 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face color
Both CA or CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
ROW
5
4
2
3
1
COL.
2
4
3
5
6
7
1
25.00
4.60*4=18.40
PIN 1
2.54*6=15.24
36.00
0.51
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


同様の部品番号 - LM12457AD

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
List of Unclassifed Man...
LM12454 ETC-LM12454 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results

同様の説明 - LM12457AD

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM7057AB LIGHTKEY-LM7057AB Datasheet
117Kb / 3P
   LM7057A/B Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM7057GH LIGHTKEY-LM7057GH Datasheet
249Kb / 3P
   LM7057G/H Series - 0.70 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM30057AB LIGHTKEY-LM30057AB Datasheet
139Kb / 3P
   LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com