データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12357AR データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LM12357AR
部品情報  LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12357AR データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12357AR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12357AR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12357AR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121814
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Dot Matrix LED Display
Internal Circuit Diagram
Common Cathode Row
Common Anode Row
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12357AR
LM12357BR
GaAlAs
Super Red
627
8
10
LM12357AD
LM12357BD
GaAlAs
Hi-Red
627
18
25
LM12357AO
LM12357BO
GaAsP
Orange
610
7
9
LM12357AY
LM12357BY
GaAsP
Yellow
588
8
10
LM12357AG
LM12357BG
GaP
Green
568
7
9
LM12357AUR
LM12357BUR
AlGaInP
Ultra Red
627
30
45
LM12357AUO
LM12357BUO
AlGaInP
Ultra Orange
610
45
60
LM12357AUA
LM12357BUA
AlGaInP
Ultra Amber
605
30
45
LM12357AUY
LM12357BUY
AlGaInP
Ultra Yellow
595
30
45
LM12357AUG
LM12357BUG
AlGaInP
Ultra Green
573
30
45
LM12357APG
LM12357BPG
InGaN
Pure Green
525
120
300
LM12357AUB
LM12357BUB
InGaN
Ultra Blue
470
30
45
LM12357AUW
LM12357BUW
InGaN
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


同様の部品番号 - LM12357AR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CG LIGHTKEY-LM12357CG Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CO LIGHTKEY-LM12357CO Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CPG LIGHTKEY-LM12357CPG Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CR LIGHTKEY-LM12357CR Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM12357AR

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM12257AB LIGHTKEY-LM12257AB Datasheet
133Kb / 3P
   LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12057EFRG LIGHTKEY-LM12057EFRG Datasheet
182Kb / 3P
   LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com