データシートサーチシステム |
|
LM12288AD データシート(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM12288AD データシート(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121811 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAY-LEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 1.20 inch 8x8 Square Dot Matrix LED Display LM12288A/B Series – 1.20 inch 8x8 Square Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 31.70mm (1.20inch) matrix height Dot size: 3x3mm Pitch: 4.00mm Wide viewing angle Range of emitted colors I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative dot color Alternative face color Both CA or CC versions are available Cropped terminal pins RoHS compliant Package Dimensions COL. 8 7 6 5 4 3 2 1 ROW 4 5 6 7 8 2 1 3 31.70 4.00*7=28.00 2.54*7=17.78 24.00 PIN 1 0.51 Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
同様の部品番号 - LM12288AD |
|
同様の説明 - LM12288AD |