データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12288AD データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LM12288AD
部品情報  LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12288AD データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12288AD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12288AD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12288AD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121811
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 8x8 Square Dot Matrix LED Display
Internal Circuit Diagram
LM12288A (Common Cathode Row)
LM12288B (Common Anode Row)
8
5
3
2
ROW
1
5
6
7
4
3
8
PIN
COL.
NO.
PIN
2
1
14
NO.
9
1
13
7
2
10
4
34
7
15
16
8
6
5
11
6
8
5
ROW
5
6
4
3
2
1
1
7
8
12
NO.
PIN
9
NO.
14
COL.
PIN
13
1
3
2
7
2
10
4
15
78
16
6
5
11
6
3
4
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12288AR
LM12288BR
GaAlAs
Super Red
640
8
10
LM12288AD
LM12288BD
GaAlAs
Hi-Red
640
18
25
LM12288AO
LM12288BO
GaAsP
Orange
625
7
9
LM12288AY
LM12288BY
GaAsP
Yellow
588
8
10
LM12288AG
LM12288BG
GaP
Green
568
7
9
LM12288AUR
LM12288BUR
AlGaInP
Ultra Red
640
30
45
LM12288AUO
LM12288BUO
AlGaInP
Ultra Orange
625
45
60
LM12288AUA
LM12288BUA
AlGaInP
Ultra Amber
605
30
45
LM12288AUY
LM12288BUY
AlGaInP
Ultra Yellow
595
30
45
LM12288AUG
LM12288BUG
AlGaInP
Ultra Green
573
30
45
LM12288APG
LM12288BPG
InGaN
Pure Green
525
120
300
LM12288AUB
LM12288BUB
InGaN
Ultra Blue
470
30
45
LM12288AUW
LM12288BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


同様の部品番号 - LM12288AD

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12288ABRG LIGHTKEY-LM12288ABRG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM12288ARG LIGHTKEY-LM12288ARG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM12288AURUG LIGHTKEY-LM12288AURUG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
More results

同様の説明 - LM12288AD

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12257AB LIGHTKEY-LM12257AB Datasheet
133Kb / 3P
   LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
LM12088CD LIGHTKEY-LM12088CD Datasheet
265Kb / 3P
   LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com