データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12257BUY データシート(PDF) 2 Page - LightKey Optoelectronics Ltd.

部品番号 LM12257BUY
部品情報  LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12257BUY データシート(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12257BUY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12257BUY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12257BUY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121810
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Square Dot Matrix LED Display
Internal Circuit Diagram
LM12257B (Common Anode Row)
LM12257A (Common Cathode Row)
13
3
4, 11
10
6
12
34
5
9
14
8
5,12
1
7
2
1
2
3
4
5
6
7
PI N
NO.
PI N
NO.
COL.
CODE N
13
3
4,11
10
6
1
234
5
9
14
8
5,12
1
7
2
1
2
3
4
5
6
7
PI N
NO.
PI N
NO.
COL.
CODE M
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM12257AR
LM12257BR
GaAlAs
Super Red
640
8
10
LM12257AD
LM12257BD
GaAlAs
Hi-Red
640
18
25
LM12257AO
LM12257BO
GaAsP
Orange
625
7
9
LM12257AY
LM12257BY
GaAsP
Yellow
588
8
10
LM12257AG
LM12257BG
GaP
Green
568
7
9
LM12257AUR
LM12257BUR
AlGaInP
Ultra Red
640
30
45
LM12257AUO
LM12257BUO
AlGaInP
Ultra Orange
625
45
60
LM12257AUA
LM12257BUA
AlGaInP
Ultra Amber
605
30
45
LM12257AUY
LM12257BUY
AlGaInP
Ultra Yellow
595
30
45
LM12257AUG
LM12257BUG
AlGaInP
Ultra Green
573
30
45
LM12257APG
LM12257BPG
InGaN
Pure Green
525
120
300
LM12257AUB
LM12257BUB
InGaN
Ultra Blue
470
30
45
LM12257AUW
LM12257BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


同様の部品番号 - LM12257BUY

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Connor-Winfield Corpora...
LM122-155.52M CONNOR-WINFIELD-LM122-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shenzhen TOPWAY Technol...
LM12232ABY TOPWAY-LM12232ABY Datasheet
555Kb / 9P
   LCD Module User Manual
LM12232BBY TOPWAY-LM12232BBY Datasheet
598Kb / 9P
   LCD Module User Manual
logo
LightKey Optoelectronic...
LM12288AB LIGHTKEY-LM12288AB Datasheet
165Kb / 3P
   LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
More results

同様の説明 - LM12257BUY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM12288AB LIGHTKEY-LM12288AB Datasheet
165Kb / 3P
   LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
LM12288ABRG LIGHTKEY-LM12288ABRG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com