データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24WC09PA-1.8 データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT24WC09PA-1.8
部品情報  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC09PA-1.8 データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT24WC09PA-1.8 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC09PA-1.8 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT24WC03/05/09/17
4
Doc. No. 25063-00 2/98 S-1
Preliminary
FUNCTIONAL DESCRIPTION
The CAT24WC03/05/09/17 supports the I2C Bus data
transmission protocol. This Inter-Integrated Circuit Bus
protocol defines any device that sends data to the bus to
be a transmitter and any device receiving data to be a
receiver. Data transfer is controlled by the Master device
which generates the serial clock and all START and
STOP conditions for bus access. The CAT24WC03/05/
09/17 operates as a Slave device. Both the Master and
Slave devices can operate as either transmitter or re-
ceiver, but the Master device controls which mode is
activated. A maximum of 8 devices (24WC03), 4 devices
(24WC05), 2 devices (24WC09) and 1 device (24WC17)
may be connected to the bus as determined by the
device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT24WC03/05/09/17 serial clock input pin is used
to clock all data transfers into or out of the device. This
is an input pin.
SDA: Serial Data/Address
The CAT24WC03/05/09/17 bidirectional serial data/ad-
dress pin is used to transfer data into and out of the
device. The SDA pin is an open drain output and can be
wire-ORed with other open drain or open collector
outputs.
A0, A1, A2: Device Address Inputs
These inputs set device address when cascading mul-
tiple devices.
When these pins are left floating the
default values are zeros.
A maximum of eight devices can be cascaded when
using 24WC03 device. All three address pins are used
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 3. Start/Stop Timing
START BIT
SDA
STOP BIT
SCL
5020 FHD F05
5020 FHD F04
5020 FHD F03


同様の部品番号 - CAT24WC09PA-1.8

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
2Mb / 14P
   Serial EEPROM
CAT24WC01GLATE13F CATALYST-CAT24WC01GLATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01GLETE13F CATALYST-CAT24WC01GLETE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

同様の説明 - CAT24WC09PA-1.8

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com