データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12088BO データシート(PDF) 1 Page - LightKey Optoelectronics Ltd.

部品番号 LM12088BO
部品情報  LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12088BO データシート(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM12088BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12088BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12088BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121806
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 8x8 Dot Matrix LED Display
LM12088C/D Series – 1.20 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
32.00mm (1.20inch) digit high
Dot size: Diameter 3.00mm
Pitch: 4.00mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
2.54*7=17.78
32.00
4.00*7=28.00
PIN 1
3.0
COL.
5
8
6
7
ROW
12
34
7
6
5
8
2
4
3
1
0.51
24.00
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


同様の部品番号 - LM12088BO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12088BO LIGHTKEY-LM12088BO Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
More results

同様の説明 - LM12088BO

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12288AB LIGHTKEY-LM12288AB Datasheet
165Kb / 3P
   LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com