データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12058BY データシート(PDF) 3 Page - LightKey Optoelectronics Ltd.

部品番号 LM12058BY
部品情報  LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12058BY データシート(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM12058BY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12058BY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12058BY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121801
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


同様の部品番号 - LM12058BY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12058BRG LIGHTKEY-LM12058BRG Datasheet
184Kb / 3P
   LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058BRG LIGHTKEY-LM12058BRG Datasheet
77Kb / 3P
   LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058BURUG LIGHTKEY-LM12058BURUG Datasheet
184Kb / 3P
   LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058BURUG LIGHTKEY-LM12058BURUG Datasheet
77Kb / 3P
   LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
More results

同様の説明 - LM12058BY

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12058ABRG LIGHTKEY-LM12058ABRG Datasheet
77Kb / 3P
   LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058CDRG LIGHTKEY-LM12058CDRG Datasheet
184Kb / 3P
   LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12088ABRG LIGHTKEY-LM12088ABRG Datasheet
142Kb / 3P
   LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
   LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LM14058AB LIGHTKEY-LM14058AB Datasheet
147Kb / 3P
   LM14058A/B Series ??1.40 inch 5x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com