データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12057ERG データシート(PDF) 3 Page - LightKey Optoelectronics Ltd.

部品番号 LM12057ERG
部品情報  LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LIGHTKEY [LightKey Optoelectronics Ltd.]
ホームページ  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12057ERG データシート(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM12057ERG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12057ERG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12057ERG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121583
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x7 Dual Color Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
LM12057FURPGUB Electrical Characteristics
[1]
Absolute Maximum Ratings
[3]
VF(V)
@ IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak
Forward
Current
[2]
(mA)
Reverse
Voltage
(V)
Super Red
1.8
2.2
30
60
25
100
5
Green
2.2
2.5
30
80
30
100
5
Ultra Red
1.9
2.6
30
60
30
100
Ultra Green
2.1
2.6
300
75
30
100
5
Operating/ Storage Temp.: -40 to +80 deg.;
Lead Solder Temp.: 260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


同様の部品番号 - LM12057ERG

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AD LIGHTKEY-LM12057AD Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AG LIGHTKEY-LM12057AG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AO LIGHTKEY-LM12057AO Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057APG LIGHTKEY-LM12057APG Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM12057ERG

メーカー部品番号データシート部品情報
logo
LightKey Optoelectronic...
LM12058CDRG LIGHTKEY-LM12058CDRG Datasheet
184Kb / 3P
   LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12288ABRG LIGHTKEY-LM12288ABRG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM12157CDRG LIGHTKEY-LM12157CDRG Datasheet
245Kb / 3P
   LM12157C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12357CD LIGHTKEY-LM12357CD Datasheet
247Kb / 3P
   LM12357C/D Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM40057ABRG LIGHTKEY-LM40057ABRG Datasheet
124Kb / 3P
   3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com