データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML124S05E データシート(PDF) 1 Page - MicroPower Direct, LLC

部品番号 ML124S05E
部品情報  ML100SE SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPD [MicroPower Direct, LLC]
ホームページ  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML124S05E データシート(HTML) 1 Page - MicroPower Direct, LLC

  ML124S05E Datasheet HTML 1Page - MicroPower Direct, LLC ML124S05E Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML100SE
Low Cost, Single Output
Ultra-Miniature SMT
DC/DC Converters
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
15 VDC Input
13.5
15.0
16.5
24 VDC Input
21.6
24.0
26.4
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±3.0
%
Capacitive Load
220
µF
Line Regulation
For Vin Change of 1%
±1.2
%
Load Regulation, See Note 1
See Model Selection Guide
Ripple & Noise (20 MHz), See Note 2
Output Voltage <12 VDC
30
mV P - P
15 VDC, 24 VDC Output
60
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance, See Note 3
100 kHz, 1V
20
pF
Switching Frequency
100
300
kHz
EMI Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
EMI Compliance, See Note 5
Conducted
CISPR22/EN 55022 Level B
EMC Compliance
Electrostatic Discharge (ESD)
EN 61000-4-2 Level B Contact ±8 kV
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+105
ºC
Storage Temperature Range
-55
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.50 x 0.327 x 0.285 Inches (12.70 x 8.30 x 7.25 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.52g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
15 VDC Input
-0.7
21.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec
300.0
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Key Features:
1W Output Power
Ultra-Miniature SMT Case
1,500 VDC Isolation
Short Circuit Protected
Single Output
-40°C to +105°C Operation
>3.5 MHour MTBF
17 Standard Models
LOW COST!
Series


同様の部品番号 - ML124S05E

メーカー部品番号データシート部品情報
logo
MicroPower Direct, LLC
ML124S05EI MPD-ML124S05EI Datasheet
291Kb / 2P
   ML100SEI SERIES
ML124S05ER MPD-ML124S05ER Datasheet
287Kb / 2P
   ML100SER SERIES
More results

同様の説明 - ML124S05E

メーカー部品番号データシート部品情報
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com