データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC556XLD データシート(PDF) 8 Page - Sanken electric

部品番号 LC556XLD
部品情報  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC556XLD データシート(HTML) 8 Page - Sanken electric

Back Button LC556XLD Datasheet HTML 2Page - Sanken electric LC556XLD Datasheet HTML 3Page - Sanken electric LC556XLD Datasheet HTML 4Page - Sanken electric LC556XLD Datasheet HTML 5Page - Sanken electric LC556XLD Datasheet HTML 6Page - Sanken electric LC556XLD Datasheet HTML 7Page - Sanken electric LC556XLD Datasheet HTML 8Page - Sanken electric LC556XLD Datasheet HTML 9Page - Sanken electric LC556XLD Datasheet HTML 10Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SANKEN ELECTRIC CO., LTD.
LC5560LD-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
LC5560LD
Series
November 26, 2012
Package Diagram
DIP8 package
0~15°
0~15°
0.25 +0.1
- 0.05
1
4
5
8
9.4 ±0.3
0.5 ±0.1
0.89 TYP
(7.6 TYP)
2.54 TYP
-0.05
-0.05
+0.3
+0.3
1.0
1.52
a
LC
b
c
a: Part #: 556x
b: Lot number 3 digits, plus L
1stletter: Last digit of year
2ndletter: Month
Jan to September: Numeric
October: O
November: N
December: D
3rdletter: Week
Date 1 to 10: 1
Date 11 to 20: 2
Date 21 to 31: 3
c: Sanken control number
Pb-free. Device composition compliant
with the RoHS directive.
Unit: mm


同様の部品番号 - LC556XLD

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5560LD SANKEN-LC5560LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   Integrated on-time control circuit
LC5566LD SANKEN-LC5566LD Datasheet
297Kb / 10P
   LC5560LD Series Single-Stage Power Factor Corrected Off-Line Switching Regulators for LEDs
More results

同様の説明 - LC556XLD

メーカー部品番号データシート部品情報
logo
Sanken electric
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com