データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si4730 データシート(PDF) 4 Page - Silicon Laboratories

部品番号 Si4730
部品情報  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4730 データシート(HTML) 4 Page - Silicon Laboratories

  Si4730 Datasheet HTML 1Page - Silicon Laboratories Si4730 Datasheet HTML 2Page - Silicon Laboratories Si4730 Datasheet HTML 3Page - Silicon Laboratories Si4730 Datasheet HTML 4Page - Silicon Laboratories Si4730 Datasheet HTML 5Page - Silicon Laboratories Si4730 Datasheet HTML 6Page - Silicon Laboratories Si4730 Datasheet HTML 7Page - Silicon Laboratories Si4730 Datasheet HTML 8Page - Silicon Laboratories Si4730 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Si473x-B20
4
Rev. 0.5
1. Product Overview
The Si473x receivers are the industry's first fully-integrated multiband radio receiver ICs from antenna input to
audio output. They require minimal external components with no factory alignment. The Si473x receivers reduce
the receiver footprint by >90% versus traditional AM/FM solutions. The Si473x also offer best-in-class performance
with the most features. The high integration and complete system production test simplifies design-in, increases
system quality, and improves manufacturability.
The Si473x receivers include advanced seek algorithms, adjustable soft mute, auto-calibrated digital tuning, and
FM stereo processing. In addition, the Si473x ICs provide a programmable reference clock and an I2C-compatible
2-wire control interface.
The Si4731/35/37/39 incorporates a digital processor for the European Radio Data System (RDS) and the North
American Radio Broadcast Data System (RBDS), including all required symbol decoding, block synchronization,
error detection, and error correction functions. Using these features, the Si4731/35/37/39 enables broadcast data
such as station identification and song name to be displayed to the end user.
2. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
5.5
V
Interface Supply Voltage
VIO
1.5
3.6
V
Power Supply Powerup Rise Time
VDDRISE
10
µs
Interface Power Supply Powerup Rise Time
VIORISE
10
µs
Ambient Temperature
TA
–20
25
85
C
Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at VDD = 3.3 V and 25 C unless otherwise stated. Parameters are tested in production unless
otherwise stated.


同様の部品番号 - Si4730

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
Si4730 SILABS-Si4730 Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4730 SILABS-SI4730 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4730 SILABS-SI4730 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
More results

同様の説明 - Si4730

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com