データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-1111W データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SD-1111W
部品情報  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SD-1111W データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SD-1111W Datasheet HTML 1Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 2Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 3Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 4Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 5Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 6Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 7Page - List of Unclassifed Manufacturers SD-1111W Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
FEATURES
● RoHS compliant
● Fine click with metallic spring
● Low profile of 3.9 mm makes perfect for high density
board mounting applications
● Gold plated contact provides excellent reliability
● Cross and minus slot are available
● Terminal pin arrangement 3-3
Part name
Insert rotor
Metallic spring
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL-94V-0
UL-94V-0
UL-94HB
UL-94V-0
PPS(Polyphenylenesulphide)
Silicone rubber
PPS(Polyphenylenesulphide)
Copper alloy, Gold-plated
Rotor : PA(Polyamide)
Pattern : Copper alloy, Gold-plated
Stainless (SUS 301)
PART NUMBER DESIGNATION
INTERNAL STRUCTURE
SD-1000 / 2000 series
S D - 1 0 1 0 T B
Series name
Code format
1Real code (Rotor color Yellow)
3Complementary code (Rotor color Red)
Shape of rotor
0Without knob (Minus slot)
1With knob (with extended shaft)
2Without knob (Cross slot)
Shape of terminal
Setting position
BGull wing (Top setting type only)
Blank : Through hole pin (Snap-in terminal pin)
Form of packaging
TTaping (Gull wing type only)
WTray packaging
BlankPlastic bag
0Top setting
1Side setting
※Please refer to the LIST OF PART NUMBERS when placing orders.
No. of positions
116 positions
210 positions
SD-1000/2000
ROTARY CODED SWITCHES
RoHS compliant


同様の部品番号 - SD-1111W

メーカー部品番号データシート部品情報
logo
Copal Electronics
SD-1111W COPAL-SD-1111W Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
More results

同様の説明 - SD-1111W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com