データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2903WF データシート(PDF) 6 Page - Rohm

部品番号 BA2903WF
部品情報  Ground Sense Comparator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2903WF データシート(HTML) 6 Page - Rohm

Back Button BA2903WF Datasheet HTML 2Page - Rohm BA2903WF Datasheet HTML 3Page - Rohm BA2903WF Datasheet HTML 4Page - Rohm BA2903WF Datasheet HTML 5Page - Rohm BA2903WF Datasheet HTML 6Page - Rohm BA2903WF Datasheet HTML 7Page - Rohm BA2903WF Datasheet HTML 8Page - Rohm BA2903WF Datasheet HTML 9Page - Rohm BA2903WF Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
6/53
11.Dec.2013 Rev.003
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
Electrical Characteristics
○BA8391G(Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 19,20)
VIO
25°C
-
2
7
mV
OUT=1.4V
Full range
-
-
15
VCC=5 to 36V, OUT=1.4V
Input Offset Current
(Note 19,20)
IIO
25°C
-
5
50
nA
OUT=1.4V
Full range
-
-
200
Input Bias Current
(Note 20,21)
IB
25°C
-
50
250
nA
OUT=1.4V
Full range
-
-
500
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
VCC=15V, OUT=1.4 to 11.4V
RL=15kΩ, VRL=15V
88
100
-
dB
Supply Current
(Note 20)
ICC
25°C
-
0.3
0.7
mA
OUT=Open
Full range
-
-
1.3
OUT=Open, VCC=36V
Output Sink Current
(Note 22)
ISINK
25°C
6
16
-
mA
+IN=0V, -IN=1V
OUT=1.5V
Output Saturation Voltage
(Note 20)
(Low Level Output Voltage)
VOL
25°C
-
150
400
mV
+IN= 0V, -IN=1V
ISINK=4mA
Full range
-
-
700
Output Leakage Current
(Note 20)
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
+IN=1V, -IN=0V
OUT=5V
Full range
-
-
1
μA
+IN=1V, -IN=0V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 19) Absolute value
(Note 20) Full range
Ta=-40°C to +85°C
(Note 21) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
(Note 22) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


同様の部品番号 - BA2903WF

メーカー部品番号データシート部品情報
logo
Rohm
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2903WF-E2 ROHM-BA2903WF-E2 Datasheet
2Mb / 57P
   Ground Sense Comparator
BA2903WFV ROHM-BA2903WFV Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2903WFV-E2 ROHM-BA2903WFV-E2 Datasheet
2Mb / 57P
   Ground Sense Comparator
More results

同様の説明 - BA2903WF

メーカー部品番号データシート部品情報
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com