データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D-602-73 データシート(PDF) 3 Page - Tyco Electronics

部品番号 D-602-73
部品情報  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-73 データシート(HTML) 3 Page - Tyco Electronics

  D-602-73 Datasheet HTML 1Page - Tyco Electronics D-602-73 Datasheet HTML 2Page - Tyco Electronics D-602-73 Datasheet HTML 3Page - Tyco Electronics D-602-73 Datasheet HTML 4Page - Tyco Electronics D-602-73 Datasheet HTML 5Page - Tyco Electronics D-602-73 Datasheet HTML 6Page - Tyco Electronics D-602-73 Datasheet HTML 7Page - Tyco Electronics D-602-73 Datasheet HTML 8Page - Tyco Electronics D-602-73 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Shielded Contacts
8-69
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Contact
Cable Diameter
Raychem
Military
Wire
SolderTacts
Size
Polarity
Cable Type
Specification
JOD
SOD
DOD
COD
(AWG)
Part No.
MIS-20067/2-002a
1.52–3.35
1.68–2.13
.91–1.78
.23–.89
26–32
D-602-44
16
P
Coaxial
[.060-.132]
[.066-.084]
[.036-.070]
[.009-.035]
MIS-20067/1-001a
1.52–3.35
1.68–2.13
.91–1.78
.23–.89
26–32
D-602-45
16
S
Coaxial
[.060-.132]
[.066-.084]
[.036-.070]
[.009-.035]
MIS-20067/4-001a
.76–1.24
.28–.79
24–30
D-602-54
16
P
Twisted pair
[.030-.049]
[.011-.031]
MIS-20067/3-001a
.76–1.24
.28–.79
24–30
D-602-55
16
S
Twisted pair
[.030-.049]
[.011-.031]
M39029/79b
1.52–3.35
1.68–2.13
.91–1.68
.30–.66
26–32
D-602-72
16
P
Coaxial
[.060-.132]
[.066-.084]
[.036-.066]
[.012-.026]
M39029/80b
1.52–3.35
1.68–2.13
.91–1.68
.30–.66
26–32
D-602-73
16
S
Coaxial
[.060-.132]
[.066-.084 ]
[.036-.066]
[.012-.026]
M39029/40b
1.52–3.35
1.68–2.13
.91–1.68
.30–.66
26–32
D-602-76
16
P
Coaxial
[.060-.132]
[.066-.084 ]
[.036-.066]
[.012-.026]
M39029/41b
1.52–3.35
1.68–2.13
.91–1.68
.30–.66
26–32
D-602-77
16
S
Coaxial
[.060-.132]
[.066-.084 ]
[.036-.066]
[.012-.026]
.76–1.24
.28–.79
24–30
D-602-0126
16
P
Twisted pairc
[.030-.049]
[.011-.031]
——
.76–1.24
.28–.79
24–30
D-602-0127
16
S
Twisted pairc
[.030-.049]
[.011-.031]
1.52–3.35
1.68–2.13
.91–1.78
.23–.46
28–32
D-602-0172
16
P
Coaxial
[.060-.132]
[.066-.084 ]
[.036-.070]
[.009-.018]
MIS-20067/2-001, 003a
1.52–3.35
1.68–2.13
.91–1.78
.23–.46
28–32
D-602-0173
16
S
Coaxial
[.060-.132]
[.066-.084 ]
[.036-.070]
[.009-.018]
MIS-20067/8-001a
——
1.40–3.15
.64–1.57
16–20
D-610-09
16
P
Power
[.055-.124]
[.025-.062]
MIS-20067/7-001a
——
1.40–3.15
.64–1.57
16–20
D-610-10
16
S
Power
[.055-.124]
[.025-.062]
a These SolderTacts contacts are on the qualified parts list for indicated specification.
b These SolderTacts contacts are intermateable and intermountable with contacts qualified to the indicated specification; they replace crimp-style termination.
c These SolderTacts contacts are designed for twisted-pair cable per MIL-STD-1553B.
SolderTacts product construction, MIL-C-28748 Series
Jacket
(JOD)
Shield
(SOD)
Dielectric
(DOD)
Conductor
(COD)
SolderTacts Series:
MIL-C-28748 Series


同様の部品番号 - D-602-73

メーカー部品番号データシート部品情報
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
More results

同様の説明 - D-602-73

メーカー部品番号データシート部品情報
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com