データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT28C162P-28TE13 データシート(PDF) 4 Page - Catalyst Semiconductor

部品番号 CAT28C162P-28TE13
部品情報  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C162P-28TE13 データシート(HTML) 4 Page - Catalyst Semiconductor

  CAT28C162P-28TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C162P-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
9-98
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
Limits
1.8, 2.5
4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max.
Min.
Max.
UNITS
Conditions
tSU
Data Setup Time
50
10
ns
VIH = 2.4V
tH
Data Hold Time
50
20
ns
CL = 100pF
tWH
SCK High Time
200
40
ns
VOL = 0.8V
tWL
SCK Low Time
200
40
ns
VOH = 2.0v
fSCK
Clock Frequency
DC
2
DC
10
MHz
tLZ
HOLD to Output Low Z
50
50
ns
tRI(1)
Input Rise Time
2
2
µs
tFI(1)
Input Fall Time
2
2
µs
tHD
HOLD Setup Time
100
40
ns
tCD
HOLD HOLD Time
100
40
ns
CL = 100pF
tWC
Write Cycle Time
10
5
ms
tV
Output Valid from Clock Low
200
80
ns
tHO
Output HOLD Time
0
0
ns
tDIS
Output Disable Time
250
75
ns
tHZ
HOLD to Output High Z
100
50
ns
tCS
CS High Time
250
100
ns
tCSS
CS Setup Time
250
100
ns
tCSH
CS HOLD Time
250
100
ns
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS
CL = 50pF
Figure 1. Sychronous Data Timing
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO


同様の部品番号 - CAT28C162P-28TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

同様の説明 - CAT28C162P-28TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com