データシートサーチシステム |
|
AD2S80ABD データシート(PDF) 4 Page - Analog Devices |
|
AD2S80ABD データシート(HTML) 4 Page - Analog Devices |
4 / 16 page AD2S80A–SPECIFICATIONS Parameter Conditions Min Typ Max Unit RATIO MULTIPLIER AC Error Output Scaling 10 Bit 177.6 mV/Bit 12 Bit 44.4 mV/Bit 14 Bit 11.1 mV/Bit 16 Bit 2.775 mV/Bit PHASE SENSITIVE DETECTOR Output Offset Voltage 12 mV Gain In Phase w.r.t. REF –0.882 –0.9 –0.918 V rms/V dc In Quadrature w.r.t. REF ±0.02 V rms/V dc Input Bias Current 60 150 nA Input Impedance 1 M Ω Input Voltage ±8V INTEGRATOR Open-Loop Gain At 10 kHz 57 63 dB Dead Zone Current (Hysteresis) 100 nA/LSB Input Offset Voltage 15 mV Input Bias Current 60 150 nA Output Voltage Range ±V S = ±10.8 V dc ±7V VCO Maximum Rate ±V S = ±12 V dc 1.1 MHz VCO Rate Positive Direction 7.1 7.9 8.7 kHz/ µA Negative Direction 7.1 7.9 8.7 kHz/ µA VCO Power Supply Sensitivity Increase +VS +0.5 %/V –VS –8.0 %/V Decrease +VS –8.0 %/V –VS +2.0 %/V Input Offset Voltage 15 mV Input Bias Current 70 380 nA Input Bias Current Tempco –1.22 nA/ °C Input Voltage Range ±8V Linearity of Absolute Rate Full Range <2 % FSD Over 0% to 50% of Full Range <1 % FSD Reversion Error 1.5 % FSD Sensitivity of Reversion Error ±8 %/V of to Symmetry of Power Supplies Asymmetry POWER SUPPLIES Voltage Levels +VS +10.8 +13.2 V –VS –10.8 –13.2 V +VL +5 +13.2 V Current ±I S ±V S @ ±12 V 12 23 mA ±I S ±V S @ 13.2 V 19 30 mA ±I L +VL @ ±5.0 V 0.5 1.5 mA Specification subject to change without notice. All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. (typical at 25 C unless otherwise noted) –4– REV. B CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD2S80A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
同様の部品番号 - AD2S80ABD |
|
同様の説明 - AD2S80ABD |