データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25C04S-TE13 データシート(PDF) 5 Page - Catalyst Semiconductor

部品番号 CAT25C04S-TE13
部品情報  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C04S-TE13 データシート(HTML) 5 Page - Catalyst Semiconductor

  CAT25C04S-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C04S-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Status Register Bits
Array Address
Protection
BP1
BP0
Protected
0
0
None
No Protection
0
1
25C01: 60-7F
Quarter Array Protection
25C02: C0-FF
25C04: 180-1FF
25C08: 0300-03FF
25C16: 0600-07FF
1
0
25C01: 40-7F
Half Array Protection
25C02: 80-FF
25C04: 100-1FF
25C08: 0200-03FF
25C16: 0400-07FF
1
1
25C01: 00-7F
Full Array Protection
25C02: 00-FF
25C04: 000-1FF
25C08: 0000-03FF
25C16: 0000-07FF
BLOCK PROTECTION BITS
76543210
WPEN
PR_MODE
SPI_MODE
X
BP1
BP0
WEL
RDY
STATUS REGISTER
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
HOLD is the HOLD pin. The HOLD pin is used to pause
transmission to the CAT25C01/02/04/08/16 while in the
middle of a serial sequence without having to re-transmit
entire sequence at a later time. To pause,
HOLD must be
brought low while SCK is low. The SO pin is in a high
impedance state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication,
HOLD is brought high, while SCK is low.
(
HOLD should be held high any time this function is not
being used.)
HOLD may be tied high directly to VCC or
tied to VCC through a resistor. Figure 9 illustrates hold
timing sequence.
STATUS REGISTER
The Status Register indicates the status of the device.
The
RDY (Ready) bit indicates whether the CAT25C01/
02/04/08/16 is busy with a write operation. When set to
1 a write cycle is in progress and when set to 0 the device
indicates it is ready. This bit is read onlyThe WEL (Write
Enable) bit indicates the status of the write enable latch.
When set to 1, the device is in a Write Enable state and
when set to 0 the device is in a Write Disable state. The
WEL bit can only be set by the WREN instruction and can
be reset by the WRDI instruction.
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION


同様の部品番号 - CAT25C04S-TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C04 CATALYST-CAT25C04 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LI-1.8TE13 CATALYST-CAT25C04LI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LITE13 CATALYST-CAT25C04LITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VI-1.8TE13 CATALYST-CAT25C04VI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VITE13 CATALYST-CAT25C04VITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

同様の説明 - CAT25C04S-TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com