データシートサーチシステム |
|
MAX232AEJE データシート(PDF) 1 Page - Maxim Integrated Products |
|
MAX232AEJE データシート(HTML) 1 Page - Maxim Integrated Products |
1 / 38 page AVAILABLE Functional Diagrams Pin Configurations appear at end of data sheet. Functional Diagrams continued at end of data sheet. UCSP is a trademark of Maxim Integrated Products, Inc. For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com. General Description The MAX220–MAX249 family of line drivers/receivers is intended for all EIA/TIA-232E and V.28/V.24 communica- tions interfaces, particularly applications where ±12V is not available. These parts are especially useful in battery-powered sys- tems, since their low-power shutdown mode reduces power dissipation to less than 5µW. The MAX225, MAX233, MAX235, and MAX245/MAX246/MAX247 use no external components and are recommended for appli- cations where printed circuit board space is critical. ________________________Applications Portable Computers Low-Power Modems Interface Translation Battery-Powered RS-232 Systems Multidrop RS-232 Networks Next-Generation Device Features ♦♦ For Low-Voltage, Integrated ESD Applications MAX3222E/MAX3232E/MAX3237E/MAX3241E/ MAX3246E: +3.0V to +5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers Using Four 0.1µF External Capacitors (MAX3246E Available in a UCSP™ Package) ♦♦ For Low-Cost Applications MAX221E: ±15kV ESD-Protected, +5V, 1µA, Single RS-232 Transceiver with AutoShutdown™ +5V-Powered, Multichannel RS-232 Drivers/Receivers Selection Table 19-4323; Rev 16; 7/10 PART MAX220CPE+ MAX220CSE+ MAX220CWE+ 0°C to +70°C 0°C to +70°C 0°C to +70°C TEMP RANGE PIN-PACKAGE 16 Plastic DIP 16 Narrow SO 16 Wide SO MAX220C/D 0°C to +70°C Dice* MAX220EPE+ MAX220ESE+ MAX220EWE+ -40°C to +85°C -40°C to +85°C -40°C to +85°C 16 Plastic DIP 16 Narrow SO 16 Wide SO MAX220EJE -40°C to +85°C 16 CERDIP MAX220MJE -55°C to +125°C 16 CERDIP Power No. of Nominal SHDN Rx Part Supply RS-232 No. of Cap. Value & Three- Active in Data Rate Number (V) Drivers/Rx Ext. Caps (µF) State SHDN (kbps) Features MAX220 +5 2/2 4 0.047/0.33 No — 120 Ultra-low-power, industry-standard pinout MAX222 +5 2/2 4 0.1 Yes — 200 Low-power shutdown MAX223 (MAX213) +5 4/5 4 1.0 (0.1) Yes ✔ 120 MAX241 and receivers active in shutdown MAX225 +5 5/5 0 — Yes ✔ 120 Available in SO MAX230 (MAX200) +5 5/0 4 1.0 (0.1) Yes — 120 5 drivers with shutdown MAX231 (MAX201) +5 and 2/2 2 1.0 (0.1) No — 120 Standard +5/+12V or battery supplies; +7.5 to +13.2 same functions as MAX232 MAX232 (MAX202) +5 2/2 4 1.0 (0.1) No — 120 (64) Industry standard MAX232A +5 2/2 4 0.1 No — 200 Higher slew rate, small caps MAX233 (MAX203) +5 2/2 0 — No — 120 No external caps MAX233A +5 2/2 0 — No — 200 No external caps, high slew rate MAX234 (MAX204) +5 4/0 4 1.0 (0.1) No — 120 Replaces 1488 MAX235 (MAX205) +5 5/5 0 — Yes — 120 No external caps MAX236 (MAX206) +5 4/3 4 1.0 (0.1) Yes — 120 Shutdown, three state MAX237 (MAX207) +5 5/3 4 1.0 (0.1) No — 120 Complements IBM PC serial port MAX238 (MAX208) +5 4/4 4 1.0 (0.1) No — 120 Replaces 1488 and 1489 MAX239 (MAX209) +5 and 3/5 2 1.0 (0.1) No — 120 Standard +5/+12V or battery supplies; +7.5 to +13.2 single-package solution for IBM PC serial port MAX240 +5 5/5 4 1.0 Yes — 120 DIP or flatpack package MAX241 (MAX211) +5 4/5 4 1.0 (0.1) Yes — 120 Complete IBM PC serial port MAX242 +5 2/2 4 0.1 Yes ✔ 200 Separate shutdown and enable MAX243 +5 2/2 4 0.1 No — 200 Open-line detection simplifies cabling MAX244 +5 8/10 4 1.0 No — 120 High slew rate MAX245 +5 8/10 0 — Yes ✔ 120 High slew rate, int. caps, two shutdown modes MAX246 +5 8/10 0 — Yes ✔ 120 High slew rate, int. caps, three shutdown modes MAX247 +5 8/9 0 — Yes ✔ 120 High slew rate, int. caps, nine operating modes MAX248 +5 8/8 4 1.0 Yes ✔ 120 High slew rate, selective half-chip enables MAX249 +5 6/10 4 1.0 Yes ✔ 120 Available in quad flatpack package Ordering Information + Denotes a lead(Pb)-free/RoHS-compliant package. * Contact factory for dice specifications. Ordering Information continued at end of data sheet. AutoShutdown and UCSP are trademarks of Maxim Integrated Products, Inc. MAX220–MAX249 MAX220–MAX249 Selection Table |
同様の部品番号 - MAX232AEJE |
|
同様の説明 - MAX232AEJE |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |