データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA7078MPR データシート(PDF) 1 Page - Sanken electric

部品番号 SLA7078MPR
部品情報  2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7078MPR データシート(HTML) 1 Page - Sanken electric

  SLA7078MPR Datasheet HTML 1Page - Sanken electric SLA7078MPR Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
ICs
SLA7075MR, MPR, MPRT/7076MR, MPR, MPRT/7077MR, MPR, MPRT/7078MR, MPR, MPRT
■Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Motor Supply Voltage
VM
46
V
Driver Supply Voltage
VBB
46
V
Logic Supply Voltage
VDD
6V
Output Current
Io
*1
A
Vref=0.4V, Mode F
Logic Input Voltage
VIN
–0.3 to VDD+0.3
V
REF Input Voltage
VREF
–0.3 to VDD+0.3
V
Sense Voltage
VRS
±2V
Excluding tw<1µs
Power Dissipation
PD
4.7
W
When Ta = 25°C
17
When Tc = 25°C
Junction Temperature
Tj
+150
°C
Operating Ambient Temperature
Ta
–20 to +85
°C
Storage Temperature
Tstg
–30 to +150
°C
■Features
• Lineup of built-in current sense resistor and
built-in protection circuit-type
• Power supply voltages, VBB: 46 V (max), 10 to
44 V normal operating range
• Logic supply voltages, VDD: 3.0 to 5.5 V
• Maximum output currents: 1 A, 1.5 A, 2 A, and
3 A
• Clock input method (built-in sequencer)
• Self-excitation PWM current control with fixed
off-time
• Synchronous PWM chopping function
prevents motor noise in Hold mode
• Sleep mode for reducing the IC input current
in stand-by state
• ZIP type 23-pin molded package (SLA
package)
*1: Output current value may be limited for the SLA7075MR, MPR, MPRT (1.0 A), SLA7076MR, MPR, MPRT (1.5 A),
SLA7077MR, MPR, MPRT (2.0 A), and SA7078MR, MPR, MPRT (3.0 A), depending on the duty ratio, ambient
temperature, and heating conditions.
Do not exceed junction temperature of Tj under any circumstances.
■Recommended Operating Conditions
Parameter
Motor Supply Voltage
Driver Supply Voltage
Logic Supply Voltage
Case Temperature
Symbol
VM
VS
VDD
TC
Unit
V
V
V
°C
Rating
min.
max.
44
10
44
3.0
5.5
90
Remarks
The VCC surge voltage should be 0.5 V or lower
Temperature at Pin-12 Lead (without heatsink)
Parameter
Symbol
Unit
Ratings
min.
max.
typ.
Conditions
15
100
5
0.85
0.6
0.4
0.24
1.1
1.25
1.2
2.1
0.25VDD
0.3
0.45
0.4
0.45
VDD
0.314
0.314
0.211
0.160
0.75
1.25
1.25
IBB
IBBS
IDD
V(BR)DSS
RDS(ON)
VF
Fclock
VIL
VIH
IIL
IIH
VREF
VREFS
IREF
VSENSE
TSE
tcon
tcoff
RS
Vocp
Iocp
Tstd
VLOL
VLOH
ILOL
ILOH
ModeF
ModeE
ModeD
ModeC
ModeB
ModeA
Mode9
Mode8
Mode7
Mode6
Mode5
Mode4
Mode3
Mode2
Mode1
ton(min)
toff1
toff2
toff3
Main Supply Current
Logic Supply Current
Output MOSFET Breakdown Voltage
Output MOSFET ON Resistance
Output MOSFET Diode Forward Voltage
Maximum Clock Frequency
Logic Input Voltage
Logic Input Current
REF Input Voltage
REF Input Current
SENSE Sense Voltage
Sleep-Enable Recovery Time
Switching Time
Sense Resistance
Overcurrent Sense Voltage
Overcurrent Sense Current
Thermal Protection Temperature
Logic Output Voltage
Logic Output Current
Step Reference Current Ratio
PWM Minimum ON Time
PWM OFF Time
100
250
0.75VDD
0.04
0.04
0.04
0.04
2
100
0.296
0.296
0.199
0.150
0.65
VDD–1.25
–1.25
0.7
0.45
0.25
0.18
0.85
1.0
0.95
0.95
±1
±1
±10
VREF
2.0
1.5
0.305
0.305
0.205
0.155
0.7
2.3
3.5
4.6
140
100
98.1
95.7
92.4
88.2
83.1
77.3
70.7
63.4
55.5
47.1
38.2
29.0
19.5
9.8
1.7
12
9
7
In operation
Sleep 1 and Sleep 2 modes
VBB=44V, ID=1mA
SLA7075M, ID=1.0A
SLA7076M, ID=1.5A
SLA7077M, ID=2.0A
SLA7078M, ID=3.0A
SLA7075M, ID=1.0A
SLA7076M, ID=1.5A
SLA7077M, ID=2.0A
SLA7078M, ID=3.0A
When Clock Duty = 50%
SLA7075M, within the specified current limit
SLA7076M, within the specified current limit
SLA7077M, within the specified current limit
SLA7078M, within the specified current limit
Output (OFF) Sleep 1
When step reference current ratio is 100%
Sleep1&Sleep2
Clock
→ Out ON
Clock
→ Out OFF
SLA7075M, tolerance of
±3%
SLA7076M, tolerance of
±3%
SLA7077M, tolerance of
±3%
SLA7078M, tolerance of
±3%
SLA707xMPR, MPRT, when motor coil shorts out
SLA7075MPR, MPRT/7076MPR, MPRT
SLA7077MPR, MPRT
SLA7078MPR, MPRT
SLA707xMPRT, Rear of case (at the saturation temperature)
SLA707xMPR, MPRT, IFlagL=1.25mA
SLA707xMPR, MPRT, IFlagH=-1.25mA
SLA707xMPR, MPRT
Mode 8 to F
Mode 4 to 7
Mode 1 to 3
mA
µA
mA
V
V
kHz
V
µA
V
µA
V
µS
µS
µS
V
A
°C
V
mA
%
%
%
%
%
%
%
%
%
%
%
%
%
%
%
µS
µS
µS
µS
■Electrical Characteristics
2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs


同様の部品番号 - SLA7078MPR

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SLA7078MPR ALLEGRO-SLA7078MPR Datasheet
363Kb / 13P
   Motor Driver IC Family
More results

同様の説明 - SLA7078MPR

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA7070MPRT SANKEN-SLA7070MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
STA7132MPR SANKEN-STA7132MPR Datasheet
55Kb / 2P
   2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7027MU SANKEN-SLA7027MU_11 Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7031M SANKEN-SLA7031M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU_11 Datasheet
87Kb / 2P
   2-Phase Excitation
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com