データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSR231-233 データシート(PDF) 1 Page - C&K Components

部品番号 KSR231-233
部品情報  Subminiature Tact Switch for SMT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSR231-233 データシート(HTML) 1 Page - C&K Components

  KSR231-233 Datasheet HTML 1Page - C&K Components KSR231-233 Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B–17
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
9 aug 12
Operating force
Operating life
Travel
Type
Newtons (grams)
(operations)
KSR211/213
1,5 <Fa< 2,2
100,000
0,25 ± 0,15
KSR221/223
1,9 <Fa< 2,6
100,000
0,3 ± 0,15
KSR231/233
2,25 <Fa< 3,75
100,000
0,35 ± 0,15
KSR251/253
3,37 <Fa< 5,6
100,000
0,5 ± 0,15
KSR223GNC
1,5 <Fa< 2,5
30,000
0,3 ± 0,15
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Actuator
2 Soft actuator
K
S
R
Operating Force
1 1.8 N (180 grams)
2 2.0 N (200 grams)
3 3.0 N (300 grams)
5 4.5 N (450 grams)
Contact Material
1 Silver
3 Gold
Termination
G Gull wing
Switch Function
(NONE) Normally open
NC Normally closed*
*Available on KSR223G only.
Overload: 20 Newtons
Detect switch versions are available. Please see Detect chapter
KSR2D/M series.
LFS RoHS compliant and compatible. Silver plated.
LFG RoHS compliant and compatible. Gold plated.
KSR Series
Subminiature Tact Switch for SMT
Features/Benefits
Saves PCB space
Range of 4 actuation forces
G terminations
N.O.
Detect type available
Rubber actuator
IP 50 sealed
RoHS compliant and compatible
Typical Applications
Automotive
Cellular phones & accessories
Industrial electronics
Computers & network equipment
Mechanical
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: Normally Open
TERMINALS: Gullwing type for SMT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT DC:
50 mA
10 mA
MINIMUM CURRENT DC:
1 mA
1 mA
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE: (100 V): 1G
Ω (between terminals)
BOUNCE TIME: 1 ms max.
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Compatible with lead free reflow soldering process.
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Packaging
Switches are delivered on continuous tape, in reels of 2,500 pieces.


同様の部品番号 - KSR231-233

メーカー部品番号データシート部品情報
logo
C&K Components
KSR231233 CK-COMPONENTS-KSR231233 Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSR231G ITT-KSR231G Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
logo
C&K Components
KSR231GLFSKSR2396LFG CK-COMPONENTS-KSR231GLFSKSR2396LFG Datasheet
228Kb / 4P
   Subminiature Tact Switch for SMT
23 Jun 21
logo
ITT Industries
KSR231GNC ITT-KSR231GNC Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR231J ITT-KSR231J Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
More results

同様の説明 - KSR231-233

メーカー部品番号データシート部品情報
logo
C&K Components
KSR212GLFS CK-COMPONENTS-KSR212GLFS Datasheet
158Kb / 2P
   Subminiature Tact Switch for SMT
KSR253GLFG CK-COMPONENTS-KSR253GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSR ITT-KSR Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
logo
C&K Components
KSR CK-COMPONENTS-KSR_V01 Datasheet
228Kb / 4P
   Subminiature Tact Switch for SMT
23 Jun 21
KSR CK-COMPONENTS-KSR Datasheet
219Kb / 2P
   Subminiature Tact Switch for SMT
logo
ITT Industries
KSS ITT-KSS Datasheet
82Kb / 3P
   Subminiature Side Actuated Tact Switch for SMT
logo
Analog Devices
KSR223GLFG AD-KSR223GLFG Datasheet
357Kb / 2P
   KSR Series Subminiature Tact Switch for SMT
logo
E-SWITCH
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
   TACT SWITCHES SMT - SUBMINIATURE
logo
C&K Components
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com