データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU21029MUV データシート(PDF) 5 Page - Rohm

部品番号 BU21029MUV
部品情報  4-wire Resistive Touch Screen Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU21029MUV データシート(HTML) 5 Page - Rohm

  BU21029MUV Datasheet HTML 1Page - Rohm BU21029MUV Datasheet HTML 2Page - Rohm BU21029MUV Datasheet HTML 3Page - Rohm BU21029MUV Datasheet HTML 4Page - Rohm BU21029MUV Datasheet HTML 5Page - Rohm BU21029MUV Datasheet HTML 6Page - Rohm BU21029MUV Datasheet HTML 7Page - Rohm BU21029MUV Datasheet HTML 8Page - Rohm BU21029MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5/26
Datasheet
Datasheet
BU21029MUV
TSZ02201-0Y1Y0F300110-1-2
© 2011 ROHM Co., Ltd. All rights reserved.
11.Nov.2013 Rev.004
www.rohm.co.jp
TSZ22111・15・001
●Host interface AC timing
The slave address for 2-wire serial interface is selectable from “40h” or “41h” by “AD0” input.
AD0 = “L”
:
Slave Address = 40h
AD0 = “H”
:
Slave Address = 41h
2-wire serial I/F AC timing characteristics (Ta=25℃, VDD=PVDD=3.00V, GND=0.00V, unless otherwise noted)
RATING
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
SCL clock frequency
fSCL
0
-
400
kHz
Hold time for (repeated) START condition
tHD_STA
0.6
-
-
us
Low period of SCL
tLOW
1.3
-
-
us
High period of SCL
tHIGH
0.6
-
-
us
Setup time for repeated START condition
tSU_STA
0.6
-
-
us
Data hold time
tHD_DAT
0
-
0.9
us
Data setup time
tSU_DAT
0.1
-
-
us
Rise time for both SCL and SDA
tR
20
-
300
ns
Fall time for both SCL and SDA
tF
20
-
300
ns
Setup time for STOP condition
tSU_STO
0.6
-
-
us
Bus free time between a STOP
and START condition
tBUF
1.3
-
-
us


同様の部品番号 - BU21029MUV

メーカー部品番号データシート部品情報
logo
Rohm
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21029GUL-E2 ROHM-BU21029GUL-E2 Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
More results

同様の説明 - BU21029MUV

メーカー部品番号データシート部品情報
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com