データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37033FV-M データシート(PDF) 10 Page - Rohm

部品番号 BD37033FV-M
部品情報  Sound Processors for Car Audio
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37033FV-M データシート(HTML) 10 Page - Rohm

Back Button BD37033FV-M Datasheet HTML 6Page - Rohm BD37033FV-M Datasheet HTML 7Page - Rohm BD37033FV-M Datasheet HTML 8Page - Rohm BD37033FV-M Datasheet HTML 9Page - Rohm BD37033FV-M Datasheet HTML 10Page - Rohm BD37033FV-M Datasheet HTML 11Page - Rohm BD37033FV-M Datasheet HTML 12Page - Rohm BD37033FV-M Datasheet HTML 13Page - Rohm BD37033FV-M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10/38
Datasheet
BD37033FV-M
TSZ02201-0C2C0E100000-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3.NOV.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
(2)I
2C BUS FORMAT
MSB
LSB
MSB
LSB
MSB
LSB
S
Slave Address
A
Select Address
A
Data
A
P
1bit
8bit
1bit
8bit
1bit
8bit
1bit 1bit
S
= Start conditions (Recognition of start bit)
Slave Address
= Recognition of slave address. 7 bits in upper order are voluntary.
The least significant bit is “L” due to writing.
A
= ACKNOWLEDGE bit (Recognition of acknowledgement)
Select Address
= Select every of volume, bass and treble.
Data
= Data on every volume and tone.
P
= Stop condition (Recognition of stop bit)
(3)I
2C BUS Interface Protocol
1)Basic form
S
Slave Address
A
Select Address
A
Data
A
P
MSB
LSB
MSB
LSB
MSB
LSB
2)Automatic increment(Select Address increases (+1) according to the number of data)
S
Slave Address
A
Select Address
A
Data1
A
Data2
A
・・・・
DataN
A
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
(Example)
Data 1 is set as data of Select Address (20h).
Data 2 is set as data of Select Address +1 (28h).
Data N is set as data of Select Address +N-1.
3)Configuration unavailable for transmission (In this case, only Select Address 1 is set.)
S
Slave Address
A
Select Address1
A
Data
A
Select Address 2
A
Data
A
P
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
(Note)If any data is transmitted as Select Address 2 next to data,
It is recognized as data, not as Select Address 2.
(4)Slave Address
MSB
LSB
A6
A5
A4
A3
A2
A1
A0
R/W
1
0
0
0
0
0
0
0
80H


同様の部品番号 - BD37033FV-M

メーカー部品番号データシート部品情報
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

同様の説明 - BD37033FV-M

メーカー部品番号データシート部品情報
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3443FS ROHM-BD3443FS Datasheet
294Kb / 6P
   Silicon monolithic integrated circuit Sound processor for car audio
logo
Renesas Technology Corp
M62419FP RENESAS-M62419FP Datasheet
118Kb / 9P
   Sound Controller for Car Stereo
logo
Mitsubishi Electric Sem...
M62419FP MITSUBISHI-M62419FP Datasheet
57Kb / 6P
   SOUND CONTROLLER FOR CAR STEREO
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com