データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD37034FVME2 データシート(PDF) 4 Page - Rohm

部品番号 BD37034FVME2
部品情報  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD37034FVME2 データシート(HTML) 4 Page - Rohm

  BD37034FVME2 Datasheet HTML 1Page - Rohm BD37034FVME2 Datasheet HTML 2Page - Rohm BD37034FVME2 Datasheet HTML 3Page - Rohm BD37034FVME2 Datasheet HTML 4Page - Rohm BD37034FVME2 Datasheet HTML 5Page - Rohm BD37034FVME2 Datasheet HTML 6Page - Rohm BD37034FVME2 Datasheet HTML 7Page - Rohm BD37034FVME2 Datasheet HTML 8Page - Rohm BD37034FVME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
4/44
Datasheet
BD37034FV-M
TSZ02201-0C2C0E100010-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.OCT.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
Electrical Characteristic
Unless specified particularly Ta=25
, VCCL=VCCH=8.5V, f=1kHz, Vin=1Vrms, Rg=600
Ω
, RL=10k , A input
Input Gain, Volume, Tone control, Loudness, Fader=0dB,
LPF, HPF=OFF, Mix OFF, anti-aliasing-filter OFF
Item
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
Current upon no signal
IQ
-
36
49
mA
No signal
Voltage gain
GV
-1.5
0
+1.5
dB
Gv=20log(VOUT/VIN)
Channel balance
CB
-1.5
0
+1.5
dB
CB = GV1-GV2
Total harmonic distortion 1
THD+N1
-
0.004
0.05
%
VOUT=1Vrms
BW=400-30KHz
VCCH=8.5V(Hi-Voltage OFF)
Total harmonic distortion 2
THD+N2
-
0.002
0.05
%
VIN=1Vrms
BW=400-30KHz
VCCH=12V(Hi-Voltage ON)
Output noise voltage 1
VNO1
-
6
12
µVrms
Rg = 0
BW = IHF-A
VCCH=8.5V(Hi-Voltage OFF)
Front/Rear Output noise voltage
2 Front/Rear
VNO2
-
16
32
µVrms
Rg = 0
BW = IHF-A
VCCH=12V(Hi-Voltage ON)
Subwoofer Output noise voltage
3 Subwoofer
VNO3
-
22
44
µVrms
Rg = 0
BW = IHF-A
VCCH=12V(Hi-Voltage ON)
Residual output noise voltage 1
VNOR1
-
4
10
µVrms
Fader = -
∞dB
Rg = 0 , BW = IHF-A
VCCH=8.5V(Hi-Voltage OFF)
Front/Rear Residual output noise
voltage
2 Front/Rear
VNOR2
-
11
22
µVrms
Fader = -
∞dB
Rg = 0 , BW = IHF-A
VCCH=12V(Hi-Voltage ON)
Subwoofer Residual output noise
voltage
3 Subwoofer
VNOR3
-
16
32
µVrms
Fader = -
∞dB
Rg = 0 ,BW = IHF-A
VCCH=12V(Hi-Voltage ON)
Cross-talk between channels
CTC
-
-100
-85
dB
Rg = 0
CTC=20log(VOUT/VIN)
BW = IHF-A
Ripple rejection
RR
-
-65
-40
dB
f=1kHz, VRR=100mVrms
RR=20log(VCC IN/VOUT)
Input impedance
RIN
70
100
130
k
Maximum input voltage
VIM
2.0
2.1
-
Vrms
VIM at THD+N(VOUT)=1%
BW=400-30KHz
Cross-talk between selectors
CTS
-
-100
-85
dB
Rg = 0
CTS=20log(VOUT/VIN)
BW = IHF-A
Common mode rejection ratio
CMRR
46
60
-
dB
XP1 and XN input
XP2 and XN input
CMRR=20log(VIN/VOUT)
BW = IHF-A
[
X
・・・
D/E]


同様の部品番号 - BD37034FVME2

メーカー部品番号データシート部品情報
logo
Rohm
BD37033FV-M ROHM-BD37033FV-M Datasheet
1Mb / 41P
   Sound Processors for Car Audio
BD37033FVME2 ROHM-BD37033FVME2 Datasheet
1Mb / 41P
   Sound Processors for Car Audio
More results

同様の説明 - BD37034FVME2

メーカー部品番号データシート部品情報
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
741Kb / 29P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com