データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC3852A データシート(PDF) 1 Page - Sanken electric

部品番号 2SC3852A
部品情報  Silicon NPN Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC3852A データシート(HTML) 1 Page - Sanken electric

  2SC3852A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78
2SC3852/3852A
High hFE
LOW VCE (sat)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
1
2
3
2
1
3
456
Collector-Emitter Voltage V CE(V)
IB
=12mA
0.5mA
1mA
2mA
3mA
5mA
8mA
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0.01
0.1
0.5
1
3
100
500
2000
1000
Collector Current I C(A)
(V CE=4V)
Typ
0.01
0.1
0.5
1
3
100
500
2000
1000
Collector Current I C(A)
(V CE=4V)
0.5
1
5
1
1 0
100
1000
V CB=10V
I E=–2A
Time t(ms)
10
50
3
5
100
0.05
0.1
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
0
1.0
1.0
0.5
0.001
0.005 0.01
0.1
0.05
1
0.5
Base Current I B(A)
I C=1A
2A
3A
0
2
3
1
0
1.1
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
25˚C
–30˚C
125˚C
–0.005 –0.01
–0.1
–0.5
–0.05
–2
–1
20
10
0
30
(V CE=12V)
Emitter Current I E(A)
Typ
30
20
10
0
0
5 0
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
Silicon NPN Epitaxial Planar Transistor
Application : Driver for Solenoid and Motor, Series Regulator and General Purpose
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
20
RL
(
Ω)
20
IC
(A)
1.0
VBB2
(V)
–5
IB2
(mA)
–30
ton
(
µs)
0.8typ
tstg
(
µs)
3.0typ
tf
(
µs)
1.2typ
IB1
(mA)
15
VBB1
(V)
10
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
6
3
1
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
2SC3852
80
60min
Unit
µA
V
µA
V
V
MHz
pF
Conditions
VCB=
VEB=6V
IC=25mA
VCE=4V, IC=0.5A
IC=2A, IB=50mA
VCE=12V, IE=–0.2A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
2SC3852A
100
80min
100max
500min
0.5max
15typ
50typ
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
10max
2SC3852
80
60
2SC3852A
100
80
Ratings
Ratings


同様の部品番号 - 2SC3852A

メーカー部品番号データシート部品情報
logo
Sanken electric
2SC3852A SANKEN-2SC3852A Datasheet
23Kb / 1P
   Silicon NPN Epitaxial Planar Transistor(Driver for Solenoid and Motor, Series Regulator and General Purpose)
2SC3852A SANKEN-2SC3852A Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SC3852A ISC-2SC3852A Datasheet
186Kb / 2P
   isc Silicon NPN Power Transistor
More results

同様の説明 - 2SC3852A

メーカー部品番号データシート部品情報
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com