データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2420 データシート(PDF) 1 Page - Sanken electric

部品番号 2SK2420
部品情報  External dimensions 1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK2420 データシート(HTML) 1 Page - Sanken electric

  2SK2420 Datasheet HTML 1Page - Sanken electric 2SK2420 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
2SK2420
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
60
V(BR) DSS
60
V
ID = 100
µA, VGS = 0V
V
VGSS
±20
IGSS
±100
nA
VGS =
±20V
V
ID
±30
IDSS
100
µAVDS = 60V, VGS = 0V
A
ID (pulse)
±120
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
13
4.0
V
VDS = 10V, ID = 250
µA
A
PD
40 (Tc = 25ºC)
Re (yfs)
SVDS = 10V, ID = 15A
W
EAS
RDS (on)
28
m
VGS = 10V, ID = 15A
mJ
Tch
150
38
Ciss
2200
850
210
145
21
20
pF
VDS = 25V, f = 1.0MHz,
VGS = 0V
ºC
Tstg
–55 to +150
Coss
pF
ºC
ton
ns
toff
ns
Symbol
Unit
Conditions
Ratings
typ
max
min
*1
*2
01
5
30
20
10
0
V
4V
GS =
6V
5.5V
5V
4.5V
V
10V
GS =
0
0
10
20
30
10
20
30
40
–50
0
050
100
150
10
20
30
40
10
510
20
0
20
30
V
10V
DS =
25ºC
125ºC
0.3
0.1
0.5
1
30
1
5
10
40
V
10V
DS =
25ºC
125ºC
0
1020
3040
50
100
500
1000
6000
V
0V
GS
=
f
1MHz
=
Ciss
Coss
Crss
0.5
0.3
1
5
10
50 100
1
5
10
50
100
200
ID (pulse) max
D
I max
1ms
100
µ
s
DC
OPERATION
10ms
(1shot)
0
10
20
30
40
0
50
100
150
0
0
1.0
1.2
10
20
30
V
0V
GS =
5V
01
2
3
4
6
0
0.5
1.0
1.5
I
30A
D =
I
15A
D =
V
10V
GS =
I
15A
D =
T
55ºC
C = –
T
55ºC
C = –
LIMITED
Without heatsink
23
4
10V
5
510
0.5
0.5
10V
0.5
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 50V, L = 50
µH, IL = 30A, unclamped, RG = 50Ω,
See Figure 1 on Page 5.
ID = 15A, VDD
30V,
RL = 2
Ω, VGS = 10V,
See Figure 2 on Page 5.
(Tc = 25ºC)
Ta (ºC)
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)
R
DS
(ON)
ID – VDS Characteristics (typical)
Re (yfs) – ID Characteristics (typical)
Capacitance – VDS Characteristics (typical)
IDR – VSD Characteristics (typical)
PD – Ta Characteristics
Safe Operating Area
VDS – VGS Characteristics (typical)
RDS(ON) – TC Characteristics (typical)
ID – VGS Characteristics (typical)
RDS(ON) – ID Characteristics (typical)


同様の部品番号 - 2SK2420

メーカー部品番号データシート部品情報
logo
Sanken electric
2SK2420 SANKEN-2SK2420 Datasheet
34Kb / 1P
   MOSFET
logo
Inchange Semiconductor ...
2SK2420 ISC-2SK2420 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanken electric
2SK2420 SANKEN-2SK2420_05 Datasheet
47Kb / 2P
   MOSFET
More results

同様の説明 - 2SK2420

メーカー部品番号データシート部品情報
logo
Sanken electric
2SK3004 SANKEN-2SK3004 Datasheet
53Kb / 2P
   External dimensions 1
logo
List of Unclassifed Man...
2SK3003 ETC2-2SK3003 Datasheet
35Kb / 2P
   External dimensions 1
FKV550T ETC1-FKV550T Datasheet
21Kb / 1P
   External dimensions 1 FM20
2SK3004 ETC-2SK3004 Datasheet
22Kb / 1P
   External dimensions 1 ...... FM20
logo
Sanken electric
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
   External dimensions
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
   External dimensions
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
   External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
   External dimensions
logo
List of Unclassifed Man...
DG24064 ETC-DG24064 Datasheet
85Kb / 1P
   EXTERNAL DIMENSIONS
logo
Sanken electric
2SK3199 SANKEN-2SK3199 Datasheet
53Kb / 2P
   External dimensions
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com