データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1831-6 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 U1831-6
部品情報  MISCELLANEOUS HARDWARE-ACCESSORIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

U1831-6 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button U1831-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 11Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 12Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 13Page - List of Unclassifed Manufacturers U1831-6 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
D
D10
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SEALING BOOTS FOR SWITCHES
For toggle bushing 6 x 0.75 (.236 x 0.75) - 5500 series
FEATURES
G Prevents dust, sand and water from entering switches.
G Prevents ice from blocking actuator movement on toggle switches.
G Compatible with internally sealed toggle and pushbutton actuators.
G Available in a wide range of colors .
G Each boot is supplied with a sealing ring or washer.
MATERIALS AND SPECIFICATIONS
Boot material:
Neoprene or silicone (see comparative advantages below)
Nut material:
Nickel plated or matte black finished brass
Operating temperature:
Neoprene; -20
°C to 50°C
-40
°C to 85°C
Comparative
Temperature Range
Elasticity
Mechanical
Advantages
Low
High
Resistance
Silicone
Excellent
Excellent
Excellent
Poor
Neoprene
Poor
Good
Poor
Excellent
TYPES OF BOOTS - CROSS SECTIONS
* Color options available
NUT
FULL TOGGLE SILICONE BOOTS
Black
Red
Green
White
Knurled
Nickel plated
U1341
U1341-6
U1341-3
U1341-7
Knurled
Matte black
U1343
U1343-6
U1343-3
U1343-7
Hex
Nickel plated
U1302
U1302-6
U1302-3
U1302-7
Hex
Matte black
U1304
U1304-6
U1304-3
U1304-7
Full toggle*
Half toggle*
Two part* (no metal
For double sealing
(standard)
parts accessible)
EXAMPLES OF MOUNTING


同様の部品番号 - U1831-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
U183 ETC2-U183 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
More results

同様の説明 - U1831-6

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
A631-2 ETC2-A631-2 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE ACCESSORIES
logo
C&K Components
801805000 CK-COMPONENTS-801805000 Datasheet
1Mb / 24P
   Miscellaneous Components, Hardware & Technical Data
logo
List of Unclassifed Man...
AT4002 ETC-AT4002 Datasheet
3Mb / 34P
   Accessories Hardware
AT4150A ETC-AT4150A Datasheet
3Mb / 33P
   Accessories & Hardware
AT712 ETC2-AT712 Datasheet
3Mb / 33P
   Accessories Hardware
NTE435P6 ETC2-NTE435P6 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
Tyco Electronics
2-1437402-4 MACOM-2-1437402-4 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
2-1437402-7 MACOM-2-1437402-7 Datasheet
48Kb / 1P
   Accessories ??Hardware & Brackets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com