データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD780BNZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD780BNZ
部品情報  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD780BNZ データシート(HTML) 3 Page - Analog Devices

  AD780BNZ Datasheet HTML 1Page - Analog Devices AD780BNZ Datasheet HTML 2Page - Analog Devices AD780BNZ Datasheet HTML 3Page - Analog Devices AD780BNZ Datasheet HTML 4Page - Analog Devices AD780BNZ Datasheet HTML 5Page - Analog Devices AD780BNZ Datasheet HTML 6Page - Analog Devices AD780BNZ Datasheet HTML 7Page - Analog Devices AD780BNZ Datasheet HTML 8Page - Analog Devices AD780BNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 5 V, unless otherwise noted.
Table 1.
AD780AN/AD780AR
AD780CR
AD780BN/AD780BR
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
2.5 V Out
2.495
2.505
2.4985
2.5015
2.499
2.501
V
3.0 V Out
2.995
3.005
2.9950
3.0050
2.999
3.001
V
OUTPUT VOLTAGE DRIFT1
−40°C to +85°C
7
7
3
ppm/°C
−55°C to +125°C
20
20
ppm/°C
LINE REGULATION
2.5 V Output, 4 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
3.0 V Output, 4.5 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
LOAD REGULATION, SERIES MODE
Sourcing 0 mA < IOUT< 10 mA
50
50
50
µV/mA
TMIN to TMAX
75
75
75
µV/mA
Sinking −10 mA < IOUT< 0 mA
75
75
75
µV/mA
−40°C to +85°C
75
75
75
µV/mA
−55°C to +125°C
150
150
150
µV/mA
LOAD REGULATION, SHUNT MODE
I < ISHUNT< 10 mA
75
75
75
µV/mA
QUIESCENT CURRENT, 2.5 V SERIES MODE2
–40°C to +85°C
0.75
1.0
0.75
1.0
0.75
1.0
mA
−55°C to +125°C
0.8
1.3
0.8
1.3
0.8
1.3
mA
MINIMUM SHUNT CURRENT
0.7
1.0
0.7
1.0
0.7
1.0
mA
OUTPUT NOISE
0.1 Hz to 10 Hz
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
nV/√Hz
LONG-TERM STABILITY3
20
20
20
± ppm/1000 Hr
TRIM RANGE
4.0
4.0
4.0
± %
TEMPERATURE PIN
Voltage Output @ 25°C
500
560
620
500
560
620
500
560
620
mV
Temperature Sensitivity
1.9
1.9
1.9
mV/°C
Output Resistance
3
3
3
kΩ
SHORT-CIRCUIT CURRENT TO GROUND
30
30
30
mA
TEMPERATURE RANGE
Specified Performance (A, B, C)
–40
+85
–40
+85
–40
+85
°C
Operating Performance (A, B, C)4
–55
+125
–55
+125
–55
+125
°C
1
Maximum output voltage drift is guaranteed for all packages.
2
3.0 V mode typically adds 100 µA to the quiescent current. Also, Iq increases by 2 µA/V above an input voltage of 5 V.
3
The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.
4
The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.


同様の部品番号 - AD780BNZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD780BNZ AD-AD780BNZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

同様の説明 - AD780BNZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com