データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1085CD データシート(PDF) 2 Page - Motorola, Inc

部品番号 TDA1085CD
部品情報  UNIVERSAL MOTOR SPEED CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TDA1085CD データシート(HTML) 2 Page - Motorola, Inc

  TDA1085CD Datasheet HTML 1Page - Motorola, Inc TDA1085CD Datasheet HTML 2Page - Motorola, Inc TDA1085CD Datasheet HTML 3Page - Motorola, Inc TDA1085CD Datasheet HTML 4Page - Motorola, Inc TDA1085CD Datasheet HTML 5Page - Motorola, Inc TDA1085CD Datasheet HTML 6Page - Motorola, Inc TDA1085CD Datasheet HTML 7Page - Motorola, Inc TDA1085CD Datasheet HTML 8Page - Motorola, Inc TDA1085CD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TDA1085C
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, voltages are referenced to Pin 8, ground)
Rating
Symbol
Value
Unit
Power Supply, when externally regulated, VPin 9
VCC
15
V
Maximum Voltage per listed pin
Pin 3
Pin 4–5–6–7–13–14–16
Pin 10
VPin
+ 5.0
0 to + VCC
0 to + 17
V
Maximum Current per listed pin
Pin 1 and 2
Pin 3
Pin 9 (VCC)
Pin 10 shunt regulator
Pin 12
Pin 13
IPin
– 3.0 to + 3.0
– 1.0 to + 0
15
35
– 1.0 to + 1.0
– 200
mA
Maximum Power Dissipation
PD
1.0
W
Thermal Resistance, Junction–to–Air
R
θJA
65
°C/W
Operating Junction Temperature
TJ
– 10 to + 120
°C
Storage Temperature Range
Tstg
– 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
VOLTAGE REGULATOR
Internally Regulated Voltage (VPin 9)
(IPin 7 = 0, IPin 9 + IPin 10 = 15 mA, IPin 13 = 0)
VCC
15
15.3
15.6
V
VCC Temperature Factor
TF
– 100
ppm/
°C
Current Consumption (IPin 9)
(V9 = 15 V, V12 = V8 = 0, I1 = I2 = 100 µA,
all other pins not connected)
ICC
4.5
6.0
mA
VCC Monitoring Enable Level
VCC Monitoring Disable Level
VCC EN
VCC DIS
VCC – 0.4
VCC – 1.0
V
RAMP GENERATOR
Reference Speed Input Voltage Range
VPin 5
0.08
13.5
V
Reference Input Bias Current
– IPin 5
0
0.8
1.0
µA
Ramp Selection Input Bias Current
– IPin 6
0
1.0
µA
Distribution Starting Level Range
VDS
0
2.0
V
Distribution Final Level
VPin 6 = 0.75 V
VDF/VDS
2.0
2.09
2.2
High Acceleration Charging Current
VPin 7 = 0 V
VPin 7 = 10 V
– IPin 7
1.0
1.0
1.2
1.7
1.4
mA
Distribution Charging Current
VPin 7 = 2.0 V
– IPin 7
4.0
5.0
6.0
µA


同様の部品番号 - TDA1085CD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
TDA1085CG ONSEMI-TDA1085CG Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
More results

同様の説明 - TDA1085CD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
logo
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
logo
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
   Variable-Speed Motor Controller
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
   DC MOTOR SPEED CONTROLLER
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
   DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
   DC MOTOR SPEED CONTROLLER
logo
SANYO DENKI CO., LTD.
PMM8713 SANYODENKI-PMM8713 Datasheet
859Kb / 4P
   UNIVERSAL CONTROLLER for Stepping Motor Driving
logo
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
   Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
   Constant-Speed DC Motor Controller?
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com