データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8027ARTZ-REEL データシート(PDF) 8 Page - Analog Devices

部品番号 AD8027ARTZ-REEL
部品情報  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8027ARTZ-REEL データシート(HTML) 8 Page - Analog Devices

Back Button AD8027ARTZ-REEL Datasheet HTML 4Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 5Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 6Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 7Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 8Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 9Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 10Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 11Page - Analog Devices AD8027ARTZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD8027/AD8028
Rev. C | Page 7 of 24
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the SOIC-8
(125°C/W), SOT-23-6 (170°C/W), and MSOP-10 (130°C/W)
packages on a JEDEC standard 4-layer board.
Output Short Circuit
Shorting the output to ground or drawing excessive current
from the AD8027/AD8028 can likely cause catastrophic failure.
AMBIENT TEMPERATURE (°C)
–55
–35
–15
5
25
45
65
85
105
125
0
0.5
1.0
1.5
2.0
SOT-23-6
SOIC-8
MSOP-10
03327-A-002
Figure 3. Maximum Power Dissipation vs. Ambient Temperature


同様の部品番号 - AD8027ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8027ARTZ-REEL AD-AD8027ARTZ-REEL Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ-REEL7 AD-AD8027ARTZ-REEL7 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results

同様の説明 - AD8027ARTZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com