データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8044 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8044
部品情報  1 nV/Hz Low Noise 210C Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8044 データシート(HTML) 8 Page - Analog Devices

Back Button AD8044 Datasheet HTML 4Page - Analog Devices AD8044 Datasheet HTML 5Page - Analog Devices AD8044 Datasheet HTML 6Page - Analog Devices AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices AD8044 Datasheet HTML 10Page - Analog Devices AD8044 Datasheet HTML 11Page - Analog Devices AD8044 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8229
Data Sheet
Rev. B | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15, VREF = 0, RL = 2 kΩ, unless otherwise noted.
60
50
40
30
20
10
0
–60
–40
–20
20
0
VOSI ±15V (µV)
40
60
N: 200
MEAN: 12.2
σ: 8.2
Figure 5. Typical Distribution of Input Offset Voltage
VOSO ±15V (µV)
35
30
20
25
15
5
10
0
800
–600
–400
–200
0
200
400
600
N: 200
MEAN: 0.9
σ: 161.2
Figure 6. Typical Distribution of Output Offset Voltage
40
35
30
20
25
15
5
10
0
–50
–40
–20
–10
–30
10
0
IBIAS (nA)
20
30
INVERTING
NONINVERTING
N: 200
MEAN: –6.1
σ: 6.7
N: 200
MEAN: –10.1
σ: 6.9
Figure 7. Typical Distribution of Input Bias Current
IBIAS OFFSET (nA)
N: 201
MEAN: 4.0
σ: 0.7
60
50
30
40
20
10
0
0
2
4
6
8
Figure 8. Typical Distribution of Input Offset Current
–40
–60
–20
0
20
40
60
20
0
40
60
80
100
120
CMRR G1 (µV/V)
N: 200
MEAN: 10.9
σ: 3.7
Figure 9. Typical Distribution of Common Mode Rejection, G = 1
–60
–40
–20
0
20
0
5
10
15
20
25
30
35
NINV G ERROR G1 10K ±15V (µV/V)
N: 198
MEAN: –9.1
σ: 9.9
Figure 10. Typical Distribution of Gain Error, G = 1


同様の部品番号 - AD8044

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
450Kb / 16P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
602Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
679Kb / 17P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
199Kb / 14P
   Quad 150 MHz Rail-to-Rail Amplifier
REV. B
More results

同様の説明 - AD8044

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
   1 nV/?숰z Low Noise Instrumentation Amplifier
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
   1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
logo
Texas Instruments
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849 Datasheet
1Mb / 26P
[Old version datasheet]   INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
LMP7732 TI1-LMP7732 Datasheet
680Kb / 20P
[Old version datasheet]   2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
LMP7732 TI-LMP7732_15 Datasheet
1,002Kb / 26P
[Old version datasheet]   2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
[Old version datasheet]   1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com