データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1660 データシート(PDF) 10 Page - Analog Devices

部品番号 ADP1660
部品情報  Dual 750 mA LED Flash Driver with I2C-Compatible Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1660 データシート(HTML) 10 Page - Analog Devices

Back Button ADP1660 Datasheet HTML 6Page - Analog Devices ADP1660 Datasheet HTML 7Page - Analog Devices ADP1660 Datasheet HTML 8Page - Analog Devices ADP1660 Datasheet HTML 9Page - Analog Devices ADP1660 Datasheet HTML 10Page - Analog Devices ADP1660 Datasheet HTML 11Page - Analog Devices ADP1660 Datasheet HTML 12Page - Analog Devices ADP1660 Datasheet HTML 13Page - Analog Devices ADP1660 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP1660
Data Sheet
Rev. 0 | Page 10 of 28
THEORY OF OPERATION
The ADP1660 is a high power, I2C programmable, dual white
LED driver ideal for driving white LEDs for use as a camera
flash. The ADP1660 includes a boost converter and two current
regulators suitable for powering two high power white LEDs.
WHITE LED DRIVER
The ADP1660 drives a synchronous 3 MHz boost converter as
required to power the high power LEDs.
If the sum of the LED forward voltage plus the current
source headroom voltage is higher than the battery voltage,
the boost converter is turned on.
If the battery voltage is higher than the sum of the LED
forward voltage plus 2× the current source headroom
voltage, the boost converter is disabled and the part
operates in pass-through mode.
The ADP1660 uses an integrated P-FET high-side current
regulator for accurate brightness control.
The ADP1660 supports the setting of different currents for each
LED, although this configuration is not recommended. Any mis-
match in the forward voltage of the two LEDs translates directly
to lower efficiency, as well as lower accuracy of the current for the
lower voltage LED. It is recommended that the voltages on the two
LEDs be kept within 1 V of one another during operation. The
user can disable one LED and use the other LED only, if desired.
MODES OF OPERATION
When the enable pin is high, the I2C-compatible interface can
be used to set the ADP1660 to one of seven modes of operation.
These modes are configured using the LED_MOD bits (Bits[2:0])
in Register 0x01 (see Table 7).
Table 7. Modes of Operation Set by the LED_MOD Bits
LED_MOD Bits
Operating Mode
000
Standby mode, consuming 3 µA typical
(default)
001
Fixed 5 V output mode
010
Assist light mode with continuous LED current
011
Flash mode with LED currents up to 750 mA
available for up to 1.6 sec
100
Independent trigger mode with timeout
enabled (LED outputs are disabled if they are
on longer than the timer value configured by
the FL_TIM bits)
101
Independent trigger mode with timeout
disabled (FL_TIM value is ignored)
110
Fixed 5 V output mode with torch mode (total
output current must be below 500 mA)
111
Reserved
PWM
CONTROLLER
PGND
PGND
VOUT
SW
PGND
SGND
VIN
UVLO
OVP
FAULT
REGISTER
IC THERMAL
SENSING
HP LED
SHORT
HP LED
DRIVER
CURRENT
SENSE
CURRENT
SENSE
SCL
STROBE
PGND
PGND
AGND
COUT
10µF
L1
1µF
INPUT VOLTAGE = 2.7V TO 5.0V
CIN
10µF
GPIO
SDA
TORCH
EN
5.5V
CURRENT
SENSE
HP LED
DRIVER
HIGH POWER LED
CURRENT CONTROL
LED2
UP TO
750mA
PGND
UP TO
750mA
INTERFACE
AND
CONTROL
TORCH
TxMASK
IO_CFG
2.4V
LED1
Figure 16. Detailed Block Diagram


同様の部品番号 - ADP1660

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP166 AD-ADP166 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.2-R7 AD-ADP166ACBZ-1.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-1.8-R7 AD-ADP166ACBZ-1.8-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.2-R7 AD-ADP166ACBZ-2.2-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
ADP166ACBZ-2.3-R7 AD-ADP166ACBZ-2.3-R7 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results

同様の説明 - ADP1660

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com