データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT24C022J-25TE13 データシート(PDF) 8 Page - Catalyst Semiconductor

部品番号 CAT24C022J-25TE13
部品情報  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C022J-25TE13 データシート(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT24C022J-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C022J-25TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CAT24CXX1/XX2
8
Advanced
Doc. No. 25079-00 1/98 M-1
BYTE
ADDRESS
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
Figure 7. Byte Write Timing
Figure 8. Page Write Timing
ACKNOWLEDGE
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledg-
ing device pulls down the SDA line during the ninth clock
cycle, signaling that it received the 8 bits of data.
The CAT24CXXX responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each 8-
bit byte.
When the CAT24CXXX begins a READ mode it trans-
mits 8 bits of data, releases the SDA line, and monitors
the line for an acknowledge. Once it receives this ac-
knowledge, the CAT24CXXX will continue to transmit
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
t he Slave generates an acknowledge, the Master sends
a 8-bit address that is to be written into the address
pointers of the CAT24CXXX. After receiving another
acknowledge from the Slave, the Master device trans-
mits the data to be written into the addressed memory
location. The CAT24CXXX acknowledges once more
and the Master generates the STOP condition. At this
time, the device begins an internal programming cycle to
nonvolatile memory. While the cycle is in progress, the
device will not respond to any request from the Master
device.
Page Write
The 24CXXX writes up to 16 bytes of data in a single
write cycle, using the Page Write operation. The page
write operation is initiated in the same manner as the
byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 15 additional bytes. After each byte has
been transmitted, CAT24CXXX will respond with an
acknowledge, and internally increment the lower order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 16 bytes before
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be overwrit-
ten.
When all 16 bytes are received, and the STOP condi
tion has been sent by the Master, the internal program-
ming cycle begins. At this point, all received data is
written to the CAT24CXXX in a single write cycle.
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+15
BYTE
ADDRESS (n)
A
C
K
A
C
K
DATA n
A
C
K
S
T
O
P
S
A
C
K
DATA n+1
A
C
K
S
T
A
R
T
P
SLAVE
ADDRESS


同様の部品番号 - CAT24C022J-25TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

同様の説明 - CAT24C022J-25TE13

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com