データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7123SCP170EP-RL データシート(PDF) 6 Page - Analog Devices

部品番号 ADV7123SCP170EP-RL
部品情報  CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7123SCP170EP-RL データシート(HTML) 6 Page - Analog Devices

Back Button ADV7123SCP170EP-RL Datasheet HTML 2Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 3Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 4Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 5Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 6Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 7Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 8Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 9Page - Analog Devices ADV7123SCP170EP-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADV7123-EP
Rev. 0 | Page 6 of
12
t3
t1
t4
t8
t2
t6
t7
t5
CLOCK
DIGITAL INPUTS
(R9 TO R0, G9 TO G0, B9 TO B0,
SYNC, BLANK)
ANALOG INPUTS
(IOR, IOR, IOG, IOG, IOB, IOB)
NOTES
1. OUTPUT DELAY (
t6) MEASURED FROM THE 50% POINT OF THE RISING EDGE OF CLOCKTO THE 50% POINT
OF FULL-SCALE TRANSITION.
2. OUTPUT RISE/FALL TIME (
t7) MEASURED BETWEEN THE 10% AND 90% POINTS OF FULL-SCALE TRANSITION.
3. TRANSITION TIME (
t8) MEASURED FROM THE 50% POINT OF FULL-SCALE TRANSITION TO WITHIN 2% OF THE
FINAL OUTPUT VALUE.
Figure 2. Timing Diagram


同様の部品番号 - ADV7123SCP170EP-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JST240 AD-ADV7123JST240 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JST330 AD-ADV7123JST330 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ240 AD-ADV7123JSTZ240 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123JSTZ240-RL AD-ADV7123JSTZ240-RL Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results

同様の説明 - ADV7123SCP170EP-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com