データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5555LD データシート(PDF) 10 Page - Sanken electric

部品番号 LC5555LD
部品情報  Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5555LD データシート(HTML) 10 Page - Sanken electric

Back Button LC5555LD Datasheet HTML 3Page - Sanken electric LC5555LD Datasheet HTML 4Page - Sanken electric LC5555LD Datasheet HTML 5Page - Sanken electric LC5555LD Datasheet HTML 6Page - Sanken electric LC5555LD Datasheet HTML 7Page - Sanken electric LC5555LD Datasheet HTML 8Page - Sanken electric LC5555LD Datasheet HTML 9Page - Sanken electric LC5555LD Datasheet HTML 10Page - Sanken electric LC5555LD Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
SANKEN ELECTRIC CO., LTD.
LC5550LD-DS
Single-Stage Power Factor Corrected
High Efficiency Non-Isolated Buck LED Driver
LC5550LD
Series
July 9, 2012
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40% to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
Reinspect for rust on leads and solderability of the products that
have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between the product pins, and
wrong connections. Ensure all test parameters are within the
ratings specified by Sanken for the products.
Remarks About Using Silicone Grease with a Heatsink
When silicone grease is used in mounting the products on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce excess stress.
Volatile-type silicone greases may crack after long periods of
time, resulting in reduced heat radiation effect. Silicone greases
with low consistency (hard grease) may cause cracks in the mold
resin when screwing the products to a heatsink.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Soldering
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C
10±1 s
(Flow, 2 times)
380±10°C 3.5±0.5 s (Soldering iron, 1 time)
Soldering should be at a distance of at least 1.5 mm from the
body of the products.
Electrostatic Discharge
When handling the products, the operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance from the operator to ground to prevent shock hazard,
and it should be placed near the operator.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
When soldering the products, the head of soldering irons or the
solder bath must be grounded in order to prevent leak voltages
generated by them from being applied to the products.
The products should always be stored and transported in Sanken
shipping containers or conductive containers, or be wrapped in
aluminum foil.


同様の部品番号 - LC5555LD

メーカー部品番号データシート部品情報
logo
Sanken electric
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
logo
LG Semicon Co.,Ltd.
LC550EUF LG-LC550EUF Datasheet
602Kb / 30P
   55 F-HD TFT(Thin Film Transistor) LCD module
LC550EUF-FEP1-831 LG-LC550EUF-FEP1-831 Datasheet
602Kb / 30P
   55 F-HD TFT(Thin Film Transistor) LCD module
logo
Seoul Semiconductor
LC550Z SEOUL-LC550Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC551 SEOUL-LC551 Datasheet
390Kb / 14P
   BLUE OVAL LAMP LED
More results

同様の説明 - LC5555LD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCL30002 ONSEMI-NCL30002 Datasheet
232Kb / 17P
   Power Factor Corrected Buck LED Driver
March, 2012 ??Rev. 0
logo
Shenzhen Tianyuan Semic...
TP8621 TPOWER-TP8621 Datasheet
648Kb / 7P
   Three-stage switch dimming high power factor non-isolated buck LED driver chip
logo
Power Integrations, Inc...
LNK405EG POWERINT-LNK405EG Datasheet
5Mb / 54P
   12 W Non-Isolated, Buck Topology, Power Factor Corrected, LED Driver Using LinkSwitch짰-PH LNK405EG
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
Shenzhen Tianyuan Semic...
TP8601 TPOWER-TP8601 Datasheet
568Kb / 6P
   High power factor non-isolated buck LED constant current driver chip
TP8611 TPOWER-TP8611 Datasheet
625Kb / 7P
   PWM dimming high power factor non-isolated buck LED driver chip
logo
Maxic Technology Corpor...
MT7725 MAXIC-MT7725 Datasheet
165Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727 MAXIC-MT7727 Datasheet
152Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
   Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com