データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC5830K データシート(PDF) 8 Page - Sanken electric

部品番号 LC5830K
部品情報  Supply voltage 6 to 48 V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5830K データシート(HTML) 8 Page - Sanken electric

Back Button LC5830K Datasheet HTML 4Page - Sanken electric LC5830K Datasheet HTML 5Page - Sanken electric LC5830K Datasheet HTML 6Page - Sanken electric LC5830K Datasheet HTML 7Page - Sanken electric LC5830K Datasheet HTML 8Page - Sanken electric LC5830K Datasheet HTML 9Page - Sanken electric LC5830K Datasheet HTML 10Page - Sanken electric LC5830K Datasheet HTML 11Page - Sanken electric LC5830K Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LC5830K DATA SHEET
Rev.0.3
Copy Right: SANKEN ELECTRIC CO., LTD.
Page.8
Preliminary
6. Typical Application Circuit
fig5. LC5830K Application Circuit
The application circuit in fig5 shows a design for driving a 15 V LED string at 1.3 A (set by RSENSE ). The switching
frequency is 500 kHz, as set by R1. As for the COUT, a 0.68 μF ceramic capacitor is added across the LED string to
reduce the ripple current through the LEDs (as shown in figure 17B).
*Refer to “9.2 demonstration board circuit diagram” for the circuit diagram of the demonstration board.


同様の部品番号 - LC5830K

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
   SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results

同様の説明 - LC5830K

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
Analog Devices
ADA4571R-EBZ AD-ADA4571R-EBZ Datasheet
847Kb / 13P
   Customer supplied 6 V to 12 V bench supply
logo
Infineon Technologies A...
TLE4961-3K INFINEON-TLE4961-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-5K INFINEON-TLE4961-5K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4968-1K INFINEON-TLE4968-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-10
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com